Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN142STE61 Datasheet(PDF) 1 Page - Rohm

Part # RN142STE61
Description  PIN diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN142STE61 Datasheet(HTML) 1 Page - Rohm

  RN142STE61 Datasheet HTML 1Page - Rohm RN142STE61 Datasheet HTML 2Page - Rohm RN142STE61 Datasheet HTML 3Page - Rohm RN142STE61 Datasheet HTML 4Page - Rohm RN142STE61 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
PIN diode
RN142S
Applications
Dimensions(Unit : mm)
Land size figure (Unit : mm)
High frequency switching
Features
1) Ultra small mold type (EMD2)
2) High frequency resistance
which is small and low capacity.
Construction
Silicon epitaxial planar
Structure
Taping specifications(Unit : mm)
Absolute maximum ratings(Ta=25°C)
Symbol
Unit
VR
V
IF
mA
Pd
mW
Tj
°C
Tstg
°C
Electrical characteristics(Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
-
-
1.00
V
IF=10mA
Reverse current
IR
-
-
0.1
μA
VR=60V
Ct
-
-
0.45
pF
VR=1.0V , f=1MHz
--
3
IF=3mA,f=100MHz
--
2
IF=10mA,f=100MHz
Parameter
Limits
Reverse voltage (DC)
60
Forward current (DC)
100
Power dissipation
150
Junction temperature
150
Storage temperature
-55 to +150
Forward resistance
Rf
Parameter
Capacitance between terminals
EMD2
0.8
ROHM : EMD2
JEITA : SC-79
JEDEC :SOD-523
dot (year week factory)
0.12±0.05
0.6±0.1
0.3±0.05
0.8±0.05
0.95±0.06
0
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.05
0.2±0.05
0.76±0.05
φ0.5
2.0±0.05
空ポケット
0.2
φ1.55
±0.05
0.90
±0.05
0.75
±0.05
Empty pocket
1/2
2011.03 - Rev.D


Similar Part No. - RN142STE61

ManufacturerPart #DatasheetDescription
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
RN142S ROHM-RN142S Datasheet
1Mb / 3P
   PIN diode
RN142S ROHM-RN142S Datasheet
1Mb / 8P
   PIN Diodes
RN142SM ROHM-RN142SM Datasheet
1Mb / 8P
   PIN Diodes
RN142S ROHM-RN142S_11 Datasheet
1Mb / 3P
   PIN diode
More results

Similar Description - RN142STE61

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com