Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3SD21YTZD Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC3SD21YTZD
Description  Zero cross type DIP 6pin Phototriac Coupler for triggering
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD21YTZD Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC3SD21YTZD Datasheet HTML 2Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 3Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 4Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 5Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 6Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 7Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 8Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 9Page - Sharp Corporation PC3SD21YTZD Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC3SD21NTZCF
-
MAX.5
MAX.7
Sleeve
50pcs/sleeve
PC3SD21YTZCF
Approved
SMT Gullwing
PC3SD21NXZCF
-
PC3SD21YXZCF
Approved
Wide Through-Hole
PC3SD21NVZCF
-
PC3SD21YVZCF
PC3SD21NTZBF PC3SD21YTZBF PC3SD21NXZBF PC3SD21YXZBF PC3SD21NVZBF PC3SD21YVZBF
Approved
C
PC3SD21NTZDF
MAX.3
PC3SD21YTZDF PC3SD21NXZDF PC3SD21YXZDF PC3SD21NVZDF PC3SD21YVZDF
D
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
6
Please contact a local SHARP sales representative to inquire about production status.
PC3SD21NTZ Series
Sheet No.: D2-A07601EN
Model Line-up (1) (Lead-free components)
Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC3SD21NTZC
-
MAX.5
MAX.7
Sleeve
50pcs/sleeve
PC3SD21YTZC
Approved
SMT Gullwing
PC3SD21NXZC
-
PC3SD21YXZC
Approved
Wide Through-Hole
PC3SD21NVZC
-
PC3SD21YVZC
PC3SD21NTZB PC3SD21YTZB PC3SD21NXZB PC3SD21YXZB PC3SD21NVZB PC3SD21YVZB
Approved
C
PC3SD21NTZD
MAX.3
PC3SD21YTZD PC3SD21NXZD PC3SD21YXZD PC3SD21NVZD PC3SD21YVZD
D
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC3SD21NWZCF
-
MAX.5
MAX.7
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC3SD21YWZCF
Approved
SMT Gullwing
PC3SD21NXPCF
-
PC3SD21YXPCF
Approved
Wide SMT Gullwing
PC3SD21NWPCF
-
PC3SD21YWPCF
PC3SD21NWZBF PC3SD21YWZBF PC3SD21NXPBF PC3SD21YXPBF PC3SD21NWPBF PC3SD21YWPBF
Approved
C
PC3SD21NWZDF
MAX.3
PC3SD21YWZDF PC3SD21NXPDF PC3SD21YXPDF PC3SD21NWPDF PC3SD21YWPDF
D
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC3SD21NWZC
-
MAX.5
MAX.7
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC3SD21YWZC
Approved
SMT Gullwing
PC3SD21NXPC
-
PC3SD21YXPC
Approved
Wide SMT Gullwing
PC3SD21NWPC
-
PC3SD21YWPC
PC3SD21NWZB PC3SD21YWZB PC3SD21NXPB PC3SD21YXPB PC3SD21NWPB PC3SD21YWPB
Approved
C
PC3SD21NWZD
MAX.3
PC3SD21YWZD PC3SD21NXPD PC3SD21YXPD PC3SD21NWPD PC3SD21YWPD
D
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark


Similar Part No. - PC3SD21YTZD

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results

Similar Description - PC3SD21YTZD

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com