Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8444960000 Datasheet(PDF) 2 Page - Weidmuller

Part # 8444960000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8444960000 Datasheet(HTML) 2 Page - Weidmuller

  8444960000 Datasheet HTML 1Page - Weidmuller 8444960000 Datasheet HTML 2Page - Weidmuller 8444960000 Datasheet HTML 3Page - Weidmuller 8444960000 Datasheet HTML 4Page - Weidmuller 8444960000 Datasheet HTML 5Page - Weidmuller 8444960000 Datasheet HTML 6Page - Weidmuller 8444960000 Datasheet HTML 7Page - Weidmuller 8444960000 Datasheet HTML 8Page - Weidmuller 8444960000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
157
The problem
The real world can be measured in many
ways, for example, via temperature,
humidity, air pressure and so forth.
The parameters of these different physical
qualities change continuously. Elements
that monitor statuses and changes in sta-
tuses of a given environment, must reflect
these continual changes.
Within the framework of industrial moni-
toring tasks, the statuses of an environ-
ment are monitored by using sensors.
These sensors should provide signals that
enable connected evaluating and monitor-
ing installations to draw detailed conclu-
sions concerning the status of, for exam-
ple, a production process. The sensor sig-
nals trace the continuous changes in the
monitored range. The signals can be in
analogue or digital form; which means in
normal cases, an electrical voltage or cur-
rent value is produced that corresponds
proportionally to the monitored physical
quantities. Increasing automation with the
intention of achieving or maintaining cer-
tain predetermined statuses makes the
processing of analogue values increasingly
important. This is also true of fields
beyond those where this has been neces-
sary and standard for a long time, for
example, processing technology in the
chemical industry. Standard electrical
signal values are the norm within the
framework of this
processing technology.
Current values from 0...20
mA, 4...20 mA or voltage
values from 0...10 V have
been introduced as
sensor output values for
differing physical
quantities. Weidmüller has
taken account the need
for increasing automation
with the processing of
these analogue signals,
and offers a wide range
of products that are
designed for handling
sensor signals.
This means, units are
made available for
standard signals (0...20
mA, 4...20 mA, 0...10 V)
that generate output
signal values proportional
to the variable input
signals, and at the same
time enable the safe
separation of, for
example, sensor circuits
of an evaluation circuit.
This safe separation is
particularly important to avoid mutual
interference of multiple sensor circuits,
for example, ground loops in interlinked
measurement circuits. The wide range of
products includes all functions for
converting separation and monitoring
signals. The different designs in
connection with the respective functions
cover practically all applications in
industrial measurement technology.
With these new products, Weidmüller
offers the possibility of taking into account
the demands of modern automation
technology with the inclusion of analogue
signals. These products guarantee an
elementary function between signals from
the field and the further processing
systems. The mechanical characteristics
of these products correspond to those of
the well-known Weidmüller products and
are part of a continuous, ongoing
concept. The signal conditioners can be
combined together with other Weidmüller
products.
They have been electrically and
mechanically designed to ensure that only
a minimum of wiring and maintenance
costs are necessary.
The product program
contains the following functions:
Current transformer
Voltage transformer
Thermocouple conditioners for
resistance thermometers
Frequency signal conditioner
Potentiometer conditioner
AC signal conditioner
Bridge measurement conditioner
Limit value monitoring modules
AD/DA converter
These products are categorised according
to functionality as pure signal conversion,
2-way-isolation, 3-way-isolation and as
passive separation.
Analogue Signal Processing


Similar Part No. - 8444960000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8444 PHOENIX-8444 Datasheet
302Kb / 18P
   AXL E PN DI8 DO4 2A M12 6M
logo
Belden Inc.
8444 BELDEN-8444 Datasheet
204Kb / 2P
   Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8444-060100 BELDEN-8444-060100 Datasheet
204Kb / 2P
   Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8444-0601000 BELDEN-8444-0601000 Datasheet
204Kb / 2P
   Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8444-060500 BELDEN-8444-060500 Datasheet
204Kb / 2P
   Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8444960000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com