Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9456630000 Datasheet(PDF) 1 Page - Weidmuller

Part # 9456630000
Description  SAI-6-F 5P PUR 10M
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9456630000 Datasheet(HTML) 1 Page - Weidmuller

  9456630000 Datasheet HTML 1Page - Weidmuller 9456630000 Datasheet HTML 2Page - Weidmuller 9456630000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product catalogue | Sensor-Actuator-Interface (SAI) | SAI - passive | M12 distributor | Fixed cabel version | SAI-4/6/8-F
5P
- 1 -
General ordering data
Order No.
9456620000
Part designation
SAI-6-F 5P PUR 10M
Version
Sensor-actuator passive distributor, M12, Fixed
cable version, 10.00 m, LED: Yes
EAN
4008190304614
Qty.
1 pc(s).
Dimensions
Length
127 mm
Height
25 mm
Technical data
Ambient temperature, max.
80 °C
Ambient temperature, min.
-20 °C
Behaviour in fire
V-0
Bus system
without
Contact carrier material
PBT UL 94 V0
Contact material
CuZn, pre-nickeled, gold-plated
Contact surface
tinned
Contact tube O-ring material
Viton
Contact tube diameter
M12
Current per signal
2 A
Electrical isolation available
No
Hood sealing material
Viton
Housing colour
grey, RAL 7032
Housing material
Pocan
Insulation resistance
1 MΩ
LED colour for I/O function
yellow
LED colour for indicating operation
green
LED initiator
Yes
Number of contact sockets
6
Ordering data, title
SAI-4/6/8-F
Plugging cycles
< = 50
Pollution severity
3
Protection class
IP 68
Rated voltage
32 V DC
Sheathing stripping length
100 mm
Suitable for cable carriers
Yes
Test voltage
1 kVeff
Threaded sockets
CuZn, nickel-plated
Total current
9 A
Wiring diagram
max. current-carrying capacity per slot
3 A
max. voltage
30 V DC
min. voltage
10 V
No. of poles
5
Version
complete module
Cable length
10 m


Similar Part No. - 9456630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9456630000 WEIDMULLER-9456630000 Datasheet
56Kb / 3P
   SAI-8-F 5P 5M 0.5/1.0U
More results

Similar Description - 9456630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9456480000 WEIDMULLER-9456480000 Datasheet
57Kb / 2P
   SAI-6-F 4P PUR 10M
9456760000 WEIDMULLER-9456760000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 10M
9456200000 WEIDMULLER-9456200000 Datasheet
56Kb / 2P
   SAI-4-F 4P PUR 10M
9456750000 WEIDMULLER-9456750000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 5M
9457590000 WEIDMULLER-9457590000 Datasheet
56Kb / 3P
   SAI-8-F 5P 5M 0.5/1.0U
1701251000 WEIDMULLER-1701251000 Datasheet
55Kb / 2P
   SAI-8-M 5P M12 UT
1740190000 WEIDMULLER-1740190000 Datasheet
56Kb / 2P
   SAI-8-M 5P M12 OL
logo
NorComp
858FYYY-203RCS1 NORCOMP-858FYYY-203RCS1 Datasheet
111Kb / 1P
   M12FW / 5P / A / F / U / 6-8MM
Rev. 0
logo
PHOENIX CONTACT
1693487 PHOENIX-1693487 Datasheet
116Kb / 3P
   SAC-5P-1,5-PUR/AD-2L
logo
HARTING Technology Grou...
33-48-010-1804-100 HARTING-33-48-010-1804-100 Datasheet
484Kb / 2P
   ix Type A 4x2xAWG26/7 PUR 10m
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com