Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1156460000 Datasheet(PDF) 7 Page - Weidmuller

Part # 1156460000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1156460000 Datasheet(HTML) 7 Page - Weidmuller

Back Button 1156460000 Datasheet HTML 3Page - Weidmuller 1156460000 Datasheet HTML 4Page - Weidmuller 1156460000 Datasheet HTML 5Page - Weidmuller 1156460000 Datasheet HTML 6Page - Weidmuller 1156460000 Datasheet HTML 7Page - Weidmuller 1156460000 Datasheet HTML 8Page - Weidmuller 1156460000 Datasheet HTML 9Page - Weidmuller 1156460000 Datasheet HTML 10Page - Weidmuller 1156460000 Datasheet HTML 11Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
0…10V
0…10V
yes
18…30Vdc
Fixed/10 Hz
17.5
Screw/
8540330000/
180
tens. clamp
8540340000
0…10V
0…10V
3-way
18…30Vdc
Fixed/20 kHz
17.5
Screw/
8447370000/
184
tens. clamp
8447380000
Variable voltage
Variable voltage
yes
20…253Vdc
DIP switch
12.5
Screw/
8560740000/
185
and current
and current
Potentiometer
tens. clamp
8560750000
(+/-20mV…+/-200V,
(-10V…+10V,
+/-0.1mA…+/-100mA)
-20mA…+20mA)
PT100/
(4)…20mA
no
19.2…28.8Vdc
DIP switch
12.5
Screw/
8432210000/
186
tens. clamp
8432220000
RTD/DC
PT100/
0…10V
no
19.2…28.8Vdc
DIP switch
12.5
Screw/
8432180000/
186
2-wire
Potentiometer
tens. clamp
8432190000
PT100/
4…20mA
no
current loop supply
Fixed
6
Tens. clamp
8425720000
165
2-wire
in output
PT100/
0(4)…20mA
no
19.2…28.8Vdc
DIP switch
12.5
Screw/
8432150000/
187
3-wire
Potentiometer
tens. clamp
8432160000
PT100/
0…10V
no
19.2…28.8Vdc
DIP switch
12.5
Screw/
8432090000/
187
3-wire
Potentiometer
tens. clamp
8432130000
PT100/0
(4)…20mA
no
19.2…28.8Vdc
DIP switch
12.5
Screw/
8432270000/
188
4-wire
Potentiometer
tens. clamp
8432280000
PT100/
0…10V
no
19.2…28.8Vdc
DIP switch
12.5
Screw/
8432240000/
188
4-wire
Potentiometer
tens. clamp
8432250000
PT100/
0…10V
yes
18…30Vdc
DIP switch
17.5
Screw/
8560700000/
189
2-/3-/4-conduct. 0…20mA
Potentiometer
tens. clamp
8560710000
Ni100
4…20mA
Potentiometer:
min. 0…100Ω
max. 0…100kΩ
R: 0…450Ω
Thermo/DC
K, J, T, E, N,
R, S, B
Thermo
0…10V
no
19.2…28.8Vdc
DIP switch
12.5
Screw/
8432300000/
190
K, J, T, E, N,
0…20mA
tens. clamp
8432310000
R, S, B
4…20mA
Thermocouples
0…10V
yes
18…30Vdc
DIP switch
17.5
Screw/
8560720000/
191
K, J, T, E, N,
0…20mA
Potentiometer
tens. clamp
8560730000
R, S, B
4…20mA
Frequency/DC
0...50/100/500Hz
0(4)…20mA
no
21.6…26.4Vdc
DIP switch
6
Screw
8311870001
168
0…1/5/10/16kHz
0...50/100/500Hz
0(4)…20mA
no
21.6…26.4Vdc
DIP switch
6
Screw
8311870001
168
0…1/5/10/16kHz
0...50/100/500Hz
0…10V
no
21.6…26.4Vdc
DIP switch
6
Screw
8283810000
168
0...1/5/10/16kHz
0…20mA
0...1/5/10/16kHz
no
21.6…26.4Vdc
DIP switch
6
Screw
8258870000
167
0…20mA
0...1/5/10/16kHz
no
21.6…26.4Vdc
DIP switch
6Tens. clamp
8461480000
166
4…20mA
0...1/5/10/16kHz
no
current loop supply
DIP switch
6
Screw
8081330000
167
in input
4…20mA
0...1/5/10/16kHz
no
current loop supply
DIP switch
6Tens. clamp
8461490000
166
in input
0…10V
0...1/5/10/16kHz
no
21.6…26.4Vdc
DIP switch
6
Screw
8242040000
167
0…10V
0...1/5/10/16kHz
no
21.6…26.4Vdc
DIP switch
6Tens. clamp
8461470000
166
Variable,
Switching output
no
19.2…28.8Vdc
Fixed
12
Screw
8248340000
170-
programmable
PNP
171
Limit value
0…20mA
Switching output
no
19.2…28.8Vdc
Potentiometer
6
Screw
8031320000
172
monitoring
PNP 2-channel
0…20mA
Switching output
no
19.2…28.8Vdc
Potentiometer
6Tens. clamp
8227350000
173
PNP 2-channel
0…10V
Switching output
no
19.2…28.8Vdc
DIP switch
6
Screw
8019640000
172
PNP 2-channel
Potentiometer
0…10V
Switching output
no
19.2…28.8Vdc
DIP switch
6Tens. clamp
8260280000
173
PNP 2-channel
Potentiometer
AD convert.
0…20mA
8-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1160561001
210
4…20mA
8-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1168561001
210
0…10V
8-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1160361001
210
8-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1122361001
210
0…20mA
12-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1168461001
212
4…20mA
12-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1169161001
212
0…10V
12-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1168361001
212
12-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1168261001
212
Function
Input
Output
Galvanic
Voltage supply
Setting
Module
Connection
Cat. No.
Page
isolation
width/mm
type
162
Selection Table


Similar Part No. - 1156460000

ManufacturerPart #DatasheetDescription
logo
Heyco.
11564 HEYCO-11564 Datasheet
99Kb / 1P
   Tite Quick Nut
11564B HEYCO-11564B Datasheet
99Kb / 1P
   Tite Quick Nut
More results

Similar Description - 1156460000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com