Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-53SRC-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-53SRC-C
Description  T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L-53SRC-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-53SRC-C Datasheet HTML 1Page - List of Unclassifed Manufacturers L-53SRC-C Datasheet HTML 2Page - List of Unclassifed Manufacturers L-53SRC-C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-L53SR-1
Features
l
ULTRA BRIGHTNESS.
l
BOTH DIFFUSED AND WATER CLEAR LENS ARE
AVAILABLE.
l
OUTSTANDING MATERIAL EFFICIENCY.
l
RELIABLE AND RUGGED.
l
IC COMPATIBLE/LOW CURRENT CAPABILITY.
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The Super Bright Red source color devices are made with Gallium
Aluminum Arsenide Red Light Emitting Diode.
Kingbright
®
Package Dimensions
T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
L-53SG SUPER BRIGHT GREEN
L-53SR SUPER BRIGHT RED
Notes:
1. All dimensions are in millimeters (inches).
2.Toleranceis
±0.25(0.01")unlessotherwisenoted.
3.Leadspacingismeasuredwheretheleademergepackage.
4.Specificationsaresubjectedtochangewithoutnotice.
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Max.
2θ1/2
L-53SGC
SUPER BRIGHT GREEN (GaP)
WATER CLEAR
100
300
30°
L-53SRC-A
L-53SRC-B
L-53SRC-C
L-53SRC-DU
L-53SRC-DV
L-53SRC-DW
L-53SRC-E
L-53SRC-F
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
300
400
500
1000
1300
1600
2000
3500
400
500
1000
1300
1600
2000
3500
4500
L-53SGD
SUPER BRIGHT GREEN (GaP)
GREEN DIFFUSED
20
60
60°
L-53SRD-B
L-53SRD-C
L-53SRD-D
L-53SRD-E
L-53SRD-F
L-53SRD-G
L-53SRD-H
SUPER BRIGHT RED (GaAlAs)
RED DIFFUSED
90
110
200
300
500
700
1000
110
200
300
500
700
1000
1600


Similar Part No. - L-53SRC-C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-53SRC-DV KINGBRIGHT-L-53SRC-DV Datasheet
77Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - L-53SRC-C

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
MV8140 QT-MV8140 Datasheet
220Kb / 3P
   SUPER BRIGHT T-1 3/4(5mm) LED LAMPS
logo
List of Unclassifed Man...
L7143 ETC-L7143 Datasheet
104Kb / 4P
   T-1 3/4 (5MM) SUPER BRIGH LED LAMPS
logo
Fairchild Semiconductor
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT500-UR MARKTECH-MT500-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com