Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLZ10D Datasheet(PDF) 6 Page - Vishay Siliconix

Part # PLZ10D
Description  Zener Diodes Permitting 500 mW Power Dissipation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLZ10D Datasheet(HTML) 6 Page - Vishay Siliconix

  PLZ10D Datasheet HTML 1Page - Vishay Siliconix PLZ10D Datasheet HTML 2Page - Vishay Siliconix PLZ10D Datasheet HTML 3Page - Vishay Siliconix PLZ10D Datasheet HTML 4Page - Vishay Siliconix PLZ10D Datasheet HTML 5Page - Vishay Siliconix PLZ10D Datasheet HTML 6Page - Vishay Siliconix PLZ10D Datasheet HTML 7Page - Vishay Siliconix PLZ10D Datasheet HTML 8Page - Vishay Siliconix PLZ10D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PLZ Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2. 29-Nov-16
6
Document Number: 84830
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Breakdown Characteristics
Fig. 10 - Breakdown Characteristics
Fig. 11 - Breakdown Characteristics
22894
10
100
1000
10000
0
10
20
30
40
50
20
22
24
26
28
30
Axis Title
VZ (V)
2nd line
PLZ24A
PLZ24B
PLZ24C
PLZ24D
PLZ27A
PLZ27B
PLZ27C
PLZ27D
22895
2nd line
10
100
1000
10000
0
5
10
15
20
25
30
35
40
25
27
29
31
33
35
Axis Title
VZ (V)
2nd line
PLZ30A
PLZ30B
PLZ30C
PLZ30D
PLZ33A
PLZ33B
PLZ33C
PLZ33D
22896
10
100
1000
10000
0
5
10
15
20
25
30
30
32
34
36
38
40
Axis Title
VZ (V)
2nd line
PLZ36A
PLZ36B
PLZ36C
PLZ36D
PLZ39A
PLZ39B
PLZ39C
PLZ39D


Similar Part No. - PLZ10D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results

Similar Description - PLZ10D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com