Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLZ13A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PLZ13A
Description  Zener Diodes Permitting 500 mW Power Dissipation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLZ13A Datasheet(HTML) 4 Page - Vishay Siliconix

  PLZ13A Datasheet HTML 1Page - Vishay Siliconix PLZ13A Datasheet HTML 2Page - Vishay Siliconix PLZ13A Datasheet HTML 3Page - Vishay Siliconix PLZ13A Datasheet HTML 4Page - Vishay Siliconix PLZ13A Datasheet HTML 5Page - Vishay Siliconix PLZ13A Datasheet HTML 6Page - Vishay Siliconix PLZ13A Datasheet HTML 7Page - Vishay Siliconix PLZ13A Datasheet HTML 8Page - Vishay Siliconix PLZ13A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PLZ Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2. 29-Nov-16
4
Document Number: 84830
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/ 150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form acc. IEC 61000-4-5
PLZ30A
30A
26.99
28.39
5
0.2
23
55
2.28
43.7
20
PLZ30B
30B
27.70
29.13
5
2.21
45.2
20
PLZ30C
30C
28.36
29.82
5
2.21
45.5
20
PLZ30D
30D
29.02
30.51
5
2.20
46.3
20
PLZ33A
33A
29.68
31.22
5
0.2
25
65
2.10
47.6
20
PLZ33B
33B
30.32
31.88
5
1.94
51.6
15
PLZ33C
33C
30.90
32.50
5
1.91
52.2
15
PLZ33D
33D
31.49
33.11
5
1.91
52.2
15
PLZ36A
36A
32.14
33.79
5
0.2
27
75
1.88
53.1
15
PLZ36B
36B
32.79
34.49
5
1.78
55.9
15
PLZ36C
36C
33.40
35.13
5
1.76
56.7
15
PLZ36D
36D
34.01
35.77
5
1.75
56.9
15
PLZ39A
39A
34.68
36.47
5
0.2
30
85
1.74
57.2
15
PLZ39B
39B
35.36
37.19
5
1.74
57.4
15
PLZ39C
39C
36.00
37.85
5
1.70
58.7
15
PLZ39D
39D
36.63
38.20
5
1.67
59.9
15
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
MARKING
CODE
ZENER
VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
CURRENT
DYNAMIC
RESISTANCE
PEAK PULSE
CURRENT (2)
REVERSE
CLAMPING
VOLTAGE AT
IPPM
ESD
IMMUNITY (3)
VZ at IZT
IZT1
IR at VR
ZZ at IZT
IPPM
VC
VESD
V
mA
μA
V
A
V
kV
MIN.
MAX.
MAX.
MAX.
MAX.
MAX.
Notes
(1) Pulse test: tp  40 ms
(2) Pulse test: tp = 8/20 μs acc. IEC 61000-4-5
(3) Contact and air discharge acc. IEC 61000-4-2
10
100
1000
10000
0
20
40
60
80
100
120
-10 0
10 20 30 40 50 60 70 80 90 100
Axis Title
t (ns)
2nd line
Rise time = 0.7 ns to 1 ns
53
27
20557
10
100
1000
10000
0
20
40
60
80
100
010
20
30
40
Axis Title
t (µs)
2nd line
20 µs to 50 %
8 µs to 100 %
20548


Similar Part No. - PLZ13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results

Similar Description - PLZ13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com