Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9005810000 Datasheet(PDF) 4 Page - Weidmuller

Part # 9005810000
Description  Accessories
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9005810000 Datasheet(HTML) 4 Page - Weidmuller

  9005810000 Datasheet HTML 1Page - Weidmuller 9005810000 Datasheet HTML 2Page - Weidmuller 9005810000 Datasheet HTML 3Page - Weidmuller 9005810000 Datasheet HTML 4Page - Weidmuller 9005810000 Datasheet HTML 5Page - Weidmuller 9005810000 Datasheet HTML 6Page - Weidmuller 9005810000 Datasheet HTML 7Page - Weidmuller 9005810000 Datasheet HTML 8Page - Weidmuller 9005810000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
J.4
J
Wire end ferrules with plastic collar
Weidmüller colour code
Ordering data
packed loose
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.25/10
0.25
24
10.0
6.0
0.8
1.8
0.15 0.25
8.0
l
light blue
500
9025740000
H0.25/12
0.25
24
12.0
8.0
0.8
1.8
0.15 0.25
10.0
l
light blue
500
9025760000
H0.34/10
0.34
22
10.0
6.0
0.8
2.0
0.15 0.25
8.0
l
turquoise
500
9025750000
H0.34/12
0.34
22
12.0
8.0
0.8
2.0
0.15 0.25
10.0
l
turquoise
500
9025770000
H0.5/12
0.50
20
12.0
6.0
1.0
2.6
0.15 0.25
8.0
l
orange
500
0409500000
H0.5/14
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
l
orange
500
0690700000
H0.5/16
0.50
20
16.0 10.0
1.0
2.6
0.15 0.25
12.0
l
orange
500
9025870000
H0.75/12
0.75
18
12.0
6.0
1.2
2.8
0.15 0.25
8.0
m
white
500
0409600000
H0.75/14
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
m
white
500
0462900000
H0.75/16
0.75
18
16.0 10.0
1.2
2.8
0.15 0.25
12.0
m
white
500
9025860000
H0.75/18
0.75
18
18.0 12.0
1.2
2.8
0.15 0.25
14.0
m
white
500
9025910000
H1.0/12
1.00
17
12.0
6.0
1.4
3.0
0.15 0.25
8.0
l
yellow
500
0409700000
H1.0/14
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
yellow
500
0463000000
H1.0/16
1.00
17
16.0 10.0
1.4
3.0
0.15 0.25
12.0
l
yellow
500
9025950000
H1.0/18
1.00
17
18.0 12.0
1.4
3.0
0.15 0.25
15.0
l
yellow
500
9025930000
H1.5/14
1.50
16
14.0
8.0
1.7
3.5
0.15 0.25
10.0
l
red
500
0463100000
H1.5/16
1.50
16
16.0 10.0
1.7
3.5
0.15 0.25
12.0
l
red
500
0635100000
H1.5/24
1.50
16
24.0 18.0
1.7
3.5
0.15 0.25
20.0
l
red
500
0565600000
H2.5/15D
2.50
14
15.0
8.0
2.2
4.2
0.15 0.25
10.0
l
blue
500
9019160000
H2.5/19D
2.50
14
19.0 12.0
2.2
4.2
0.15 0.25
14.0
l
blue
500
9019170000
H2.5/25D
2.50
14
25.0 18.0
2.2
4.2
0.15 0.25
20.0
l
blue
500
9019180000
H4.0/18D
4.00
12
18.0 10.0
2.8
4.8
0.2
0.3
12.0
l
grey
500
9019190000
H4.0/20D
4.00
12
20.0 12.0
2.8
4.8
0.2
0.3
14.0
l
grey
500
9019200000
H4.0/26D
4.00
12
26.0 18.0
2.8
4.8
0.2
0.3
20.0
l
grey
100
9019210000
H6.0/20
6.00
10
20.0 12.0
3.5
6.3
0.2
0.3
14.0
l
black
100
0533500000
H6.0/26
6.00
10
26.0 18.0
3.5
6.3
0.2
0.3
20.0
l
black
100
0565700000
H10.0/22
10.00
7
22.0 12.0
4.5
7.6
0.2
0.4
15.0
l
ivory
100
0534200000
H10.0/28
10.00
7
28.0 18.0
4.5
7.6
0.2
0.4
21.0
l
ivory
100
0565800000
H16.0/22
16.00
6
22.0 12.0
5.8
8.8
0.2
0.4
15.0
l
green
100
0565900000
H16.0/28
16.00
6
28.0 18.0
5.8
8.8
0.2
0.4
21.0
l
green
100
0566000000
H25.0/30
25.00
3
30.0 16.0
7.3 11.2
0.2
0.4
18.0
l
brown
50
0317000000
H25.0/36
25.00
3
36.0 22.0
7.3 11.2
0.2
0.4
24.0
l
brown
50
0317100000
H35.0/30
35.00
2
30.0 16.0
8.3 12.7
0.2
0.4
19.0
l
beige
50
0317200000
H35.0/39
35.00
2
39.0 25.0
8.3 12.7
0.2
0.4
28.0
l
beige
50
0317300000
H50.0/36
50.00
1
36.0 20.0 10.3 15.0
0.3
0.5
26.0
l
olive green
50
0444200000
H70.0/37
70.00
2/0
37.0 21.0 12.7 16.0
0.35 0.6
26.0
l
yellow
25
9028200000
H95.0/44
95.00
3/0
44.0 25.0 14.7 18.0
0.35 0.6
31.0
l
red
25
9028210000
H120.0/50
120.00
4/0
50.0 30.0 16.5 21.0
0.5
0.7
36.0
l
blue
25
9028220000
H150.0/54
150.00 300 MCM 54.0 32.0 18.5 23.5
0.5
0.75
38.0
l
yellow
25
9028230000
Weidmüller colour code
Ordering data
in multipack bag
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.14/10
0.14
26
10.0
6.0
0.6
1.5
0.15 0.25
8.0
l
grey
500
9005180000
H0.14/12
0.14
26
12.0
8.0
0.6
1.5
0.15 0.25
10.0
l
grey
500
9028240000
H0.25/10
0.25
24
10.0
6.0
0.8
1.8
0.15 0.25
8.0
l
light blue
500
9026050000
H0.25/12
0.25
24
12.0
8.0
0.8
1.8
0.15 0.25
10.0
l
light blue
500
9025780000
H0.34/10
0.34
22
10.0
6.0
0.8
2.0
0.15 0.25
8.0
l
turquoise
500
9026030000
H0.34/12
0.34
22
12.0
8.0
0.8
2.0
0.15 0.25
10.0
l
turquoise
500
9025790000
H0.5/12
0.50
20
12.0
6.0
1.0
2.6
0.15 0.25
8.0
l
orange
500
9028260000
H0.5/14
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
l
orange
500
9026060000
H0.5/16
0.50
20
16.0 10.0
1.0
2.6
0.15 0.25
12.0
l
orange
500
9028270000
H0.75/12
0.75
18
12.0
6.0
1.2
2.8
0.15 0.25
8.0
m
white
500
9028280000
H0.75/14
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
m
white
500
9026070000
H0.75/16
0.75
18
16.0 10.0
1.2
2.8
0.15 0.25
12.0
m
white
500
9028290000
H0.75/18
0.75
18
18.0 12.0
1.2
2.8
0.15 0.25
14.0
m
white
500
9028300000
H1.0/12
1.00
17
12.0
6.0
1.4
3.0
0.15 0.25
8.0
l
yellow
500
9028310000
H1.0/14
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
yellow
500
9026080000
H1.0/16
1.00
17
16.0 10.0
1.4
3.0
0.15 0.25
12.0
l
yellow
500
9028320000
H1.0/18
1.00
17
18.0 12.0
1.4
3.0
0.15 0.25
15.0
l
yellow
500
9028340000
H1.5/14
1.50
16
14.0
8.0
1.7
3.5
0.15 0.25
10.0
l
red
500
9026090000
H1.5/16
1.50
16
16.0 10.0
1.7
3.5
0.15 0.25
12.0
l
red
500
9028350000
H2.5/15
2.50
14
15.0
8.0
2.2
4.2
0.15 0.25
10.0
l
blue
500
9026100000
H4.0/18
4.00
12
18.0 10.0
2.8
4.8
0.2
0.3
12.0
l
grey
250
9026010000
L2
L1
• Polypropylene conical cable entry
• Heat-resistant up to 105 °C
• Cable entry made from a not readily flammable material on request
For conductors from 0.14 to 150 mm2 (AWG 26-300MCM)
Tin-plated copper
Dimensional tolerances to DIN 46228 part 4


Similar Part No. - 9005810000

ManufacturerPart #DatasheetDescription
logo
Heyco.
9005 HEYCO-9005 Datasheet
184Kb / 1P
   Heyco® Self-Closing Braided Sleeving
logo
Weidmuller
9005000000 WEIDMULLER-9005000000 Datasheet
274Kb / 4P
   Tools, Stripping and cutting tool
November 9, 2021
logo
NTE Electronics
90052 NTE-90052 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
90056 NTE-90056 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
logo
Littelfuse
90056 LITTELFUSE-90056 Datasheet
420Kb / 1P
   FOOT OPERATED SWITCHES
2019 Rev: 021119
More results

Similar Description - 9005810000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com