Electronic Components Datasheet Search |
|
G690H400T93 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc |
|
G690H400T93 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc |
8 / 12 page Ver: 1.3 Oct 31, 2002 TEL: 886-3-5788833 http://www.gmt.com.tw 8 G690/G691 Global Mixed-mode Technology Inc. Pin Description PIN NAME FUNCTION 1 GND Ground (G691L/G690L) RESET Output remains low while VCC is below the reset threshold, and for at least 140ms after VCC rises above the reset threshold. 2 RESET (G690H) RESET Output remains high while VCC is below the reset threshold, and for at least 140ms after VCC rises above the reset threshold. 3 VCC Supply Voltage (+5V, +3.3V, +3.0V) Detailed Description A microprocessor’s (µP’s) reset input starts the µP in a known state. The G691L/G690L/G690H assert reset to prevent code-execution errors during power-up, power-down, or brownout conditions. They assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the reset threshold. The G691L uses an open-drain output, and the G690L/G690H have a push-pull output stage. Connect a pull-up resistor on the G691L’s RESET out- put to any supply between 0 and 5.5V. Figure 1. Maximum Transient Duration Without Causing a Reset Pulse vs. Reset Com- parator Overdrive Figure2. RESET Valid to VCC = Ground Circuit Applications Information Negative-Going VCC Transients In addition to issuing a reset to the µP during power-up, power-down, and brownout conditions, the G691L/G690H/G690L are relatively immune to short- duration negative-going VCC transients (glitches). Figure 1 shows typical transient duration vs. reset comparator overdrive, for which the G691L/G690H/ G690L do not generate a reset pulse. The graph was generated using a negative-going pulse applied to VCC, starting 0.5V above the actual reset threshold and ending below it by the magnitude indicated (reset comparator overdrive). The graph indicates the maxi- mum pulse width a negative-going VCC transient can have without causing a reset pulse. As the magnitude of the transient increases (goes farther below the reset threshold), the maximum allowable pulse width de- creases. Typically, for the G69_ _463 and G69_ _438, a VCC transient that goes 100mV below the reset threshold and lasts 7µs or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as possible to the VCC pin provides additional transient immunity. Ensuring a Valid Reset Output Down to VCC = 0 When VCC falls below 1V, the G690 RESET output no longer sinks current—it becomes an open circuit. Therefore, high-impedance CMOS logic inputs con- nected to RESET can drift to undetermined voltages. This presents no problem in most applications since most µP and other circuitry is inoperative with VCC below 1V. However, in applications where RESET must be valid down to 0V, adding a pull-down resistor to RESET causes any stray leakage currents to flow to ground, holding RESET low (Figure 2). R1’s value is not critical; 100k Ω is large enough not to load RESET and small enough to pull RESET to ground. A 100k Ω pull-up resistor to VCC is also recommended for the G691L if RESET is required to remain valid for VCC < 1V. V CC RESET GND G690 R1 100k V CC RESET GND G690 R1 100k 0 100 200 300 400 500 600 1 10 100 1000 Reset Comparator Overdrive, VTH- VCC (mV) G69_ _ 308/293/263 G69_ _ 463/438/400 |
Similar Part No. - G690H400T93 |
|
Similar Description - G690H400T93 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |