Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-QFN-9014 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-QFN-9014
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-QFN-9014 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-QFN-9014 Datasheet HTML 1Page - Ironwood Electronics. SM-QFN-9014 Datasheet HTML 2Page - Ironwood Electronics. SM-QFN-9014 Datasheet HTML 3Page - Ironwood Electronics. SM-QFN-9014 Datasheet HTML 4Page - Ironwood Electronics. SM-QFN-9014 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
17.717
24.717
1.70 (x4)
0.85 (x4)
13.1250
20.1250
Cutouts made in
bottom of IC guide
where pins located
1.50
1.0000
18.00
7.50
27.725
20.725
4.00 (x4)
4.00
3.00
TOP VIEW
SIDE VIEW
IC GUIDE
BACKING PLATE
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Component Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 10/29/2013
Material: N/A
Finish: N/A
Weight: 18.24
SM-QFN-9014 Drawing
SCALE: 2.5:1
SHEET: 4 OF 5
ENG: B. Schatz
FILE: SM-QFN-9014 Dwg
DRAWN BY: M. Raske


Similar Part No. - SM-QFN-9014

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9012 IRONWOOD-SM-QFN-9012 Datasheet
298Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9013 IRONWOOD-SM-QFN-9013 Datasheet
422Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9015 IRONWOOD-SM-QFN-9015 Datasheet
366Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SM-QFN-9014

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com