Electronic Components Datasheet Search |
|
SM-BGA-9055 Datasheet(PDF) 4 Page - Ironwood Electronics. |
|
SM-BGA-9055 Datasheet(HTML) 4 Page - Ironwood Electronics. |
4 / 5 page 4.00 (x5) 9.725 90° 2.55 0.3048 4.80 1 8 10 5 4 7 2 12 11 14 13 6 9 3 Backing plate specification Note: Backing plate holes are tapped to accept 0-80 screws. ITEM NO. DESCRIPTION Material 1 Compression Screw M6x1 Stainless Steel (18-8) 2 Dowel Pin, 1/32" x 3/16", SS Chrome Stainless Steel 3 #0-80 Shoulder Screw, 0.062" thread length Stainless Steel (303) 4 #0-80 X .375 LG, SOC HD CAP SCREW, ALLOY STL, BLK OXIDE Alloy Steel 5 Compression Plate for 3.3x3.3mm IC 7075-T6 Aluminum Alloy 6 Ball Guide 8x8 0.4mm pitch Kapton Polyimide/Cirlex 7 Socket Base 7mm 7075-T6 Aluminum Alloy 8 Socket Lid 7mm Swl Ni plt 7075-T6,Plate 9 IC Guide 3.3x3.3mm IC Torlon 4203 10 Customer's device FR4 Standard 11 Customer's target PCB Material <not specified> 12 SM interposer SM elastomer 13 5 post backing plate 7075-T6 Aluminum Alloy 14 Insulating washer, 4mm OD. Kapton Polyimide/Cirlex Ironwood Electronics, Inc. Tele: (800) 404-0204 www.ironwoodelectronics.com Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice. Description: SOCKET SPEC Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams. STATUS: Released REV. A DATE: 12/22/2014 Material: N/A Finish: N/A Weight: 5.06 SM-BGA-9055 Drawing SCALE: 3.8:1 SHEET: 4 OF 5 ENG: E. Smolentseva FILE: SM-BGA-9055 Dwg DRAWN BY: M. Raske |
Similar Part No. - SM-BGA-9055 |
|
Similar Description - SM-BGA-9055 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |