Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP-QFN-8011 Datasheet(PDF) 6 Page - Ironwood Electronics.

Part # SMP-QFN-8011
Description  Low and stable contact resistance for reliable production yield
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8011 Datasheet(HTML) 6 Page - Ironwood Electronics.

  SMP-QFN-8011 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 4Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 5Page - Ironwood Electronics. SMP-QFN-8011 Datasheet HTML 6Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2
5
3
8
1
10
13
4
7
11
9
6
12
Ground Pad Contacts:
9 x 15 Array with 1mm pitch
SMP/SM Interposer Detail
SCALE 4:1
ITEM #
DESCRIPTION
Material
1
Socket Base 13x20mm IC
7075-T6 Aluminum Alloy
2
Compression Screw M10
7075-T6 Alumium Alloy
3
Compression Plate 13x20mm IC
7075-T6 Aluminum Alloy
4
Backing Plate with 4 post and rectangular center pad
for 13x20mm chip
7075-T6 Alumium Alloy
5
Socket Lid Swivel 13x20mm IC
7075-T6 Aluminum Alloy
6
Customer's IC 13x19mm, 0.7/0.8mm pitch QFN78
FR4 High temp
7
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
8
#0-80 x 0.5, SH Cap Screw
Alloy Steel
9
#0-80 Shoulder Screw, 2.29mm thread length
Stainless Steel (303)
10
Customer's target PCB
FR4 High temp
11
SMP IC Guide for 13x19mm IC
Torlon 4203
12
SMP protective layer for 13x19mm 0.7/0.8mm QFN78
SMP
13
SMP SM interposer for 13x19mm 0.7/0.8mm QFN78
SM elastomer
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt Det
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/7/2015
Material: N/A
Finish: N/A
Weight: 18.10
SMP-QFN-8011 Drawing
SCALE: 3:1
SHEET: 6 OF 6
ENG: S. Huang
FILE: SMP-QFN-8011 Dwg
DRAWN BY: M. Raske


Similar Part No. - SMP-QFN-8011

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SMP-QFN-8010 IRONWOOD-SMP-QFN-8010 Datasheet
777Kb / 9P
   Highly compliant to accommodate wide co-planarity variations
SMP-QFN-8012 IRONWOOD-SMP-QFN-8012 Datasheet
265Kb / 4P
   Compression plate distributes forces evenly
SMP-QFN-8013 IRONWOOD-SMP-QFN-8013 Datasheet
649Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8015 IRONWOOD-SMP-QFN-8015 Datasheet
359Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
SMP-QFN-8016 IRONWOOD-SMP-QFN-8016 Datasheet
406Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SMP-QFN-8011

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com