Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT8CR512K32-17VCC Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT8CR512K32-17VCC
Description  UT8CR512K32 16 Megabit SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8CR512K32-17VCC Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT8CR512K32-17VCC Datasheet HTML 3Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 4Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 5Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 6Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 9Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 10Page - Aeroflex Circuit Technology UT8CR512K32-17VCC Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Figure 3c. SRAM Read Cycle 3: Output Enable-Controlled Access
A(18:0)
DQn(7:0)
G
tGHQZ
Assumptions:
1. En < VIL (max) and Wn > VIH (min)
tGLQV
tGLQX
tAVQV
DATA VALID
Assumptions:
1. En and G < VIL (max) and Wn > VIH (min)
A(18:0)
DQn(7:0)
Figure 3a. SRAM Read Cycle 1: Address Access
tAVAV
tAVQV
tAXQX
Previous Valid Data
Valid Data
Assumptions:
1. G < VIL (max) and Wn > VIH (min)
A(18:0)
Figure 3b. SRAM Read Cycle 2: Chip Enable-Controlled Access
En
DATA VALID
tEFQZ
tETQX
tETQV
DQn(7:0)


Similar Part No. - UT8CR512K32-17VCC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
UT8 LSTD-UT8 Datasheet
548Kb / 2P
   Reliable solid state operation
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
logo
SHENZHEN DOINGTER SEMIC...
UT8020A DOINGTER-UT8020A Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
   Ultrasonic Cleaning
UT8060 ETC2-UT8060 Datasheet
744Kb / 1P
   Ultrasonic Cleaning
More results

Similar Description - UT8CR512K32-17VCC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
logo
Aeroflex Circuit Techno...
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
ATMEL Corporation
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
logo
List of Unclassifed Man...
EDI8M8256C ETC1-EDI8M8256C Datasheet
280Kb / 6P
   TWO MEGABIT SRAM MODULE
logo
ATMEL Corporation
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com