Electronic Components Datasheet Search |
|
M61821QTCN Datasheet(PDF) 1 Page - MTRONPTI |
|
M61821QTCN Datasheet(HTML) 1 Page - MTRONPTI |
1 / 7 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. M618x Series 3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO Rev: 01/28/2013 Tight stability performance • (±0.2 ppm) over Industrial Temperatures (-40 °C to +85 °C) (±0.1 ppm) over Commercial Temperatures (0 °C to 70 °C) 3.0 V, 3.3 V and 5.0 V versions • Low phase noise performance • Tristate Function standard • The M618x Series is ideally suited for a wide range of applications such as GPS, military, avionics, test and measurement, WLAN, WiMax base stations, point to point/multi-point radios, medical equipment, frequency synthesis, frequency translation and land mobile radio. Standard output for the M618x series is HCMOS compatible or clipped sine wave. The product is ideally suited for battery and remote applications where it draws as little as 1.5 mA of current with a 3.3 volt supply at 13 MHz.Thislowpowerconsumptionprovidesanadvantageoversimilarlyspecifiedovenizedoscillatorsforpower-sensitive applications. The M618x series offers ±10 ppm minimum pull range with excellent tuning linearity performance for critical PLL applications. This series is available in selective frequencies from 8 MHz to 52 MHz. Product Features Product Description Product Applications Product Ordering Information M6180Sxxx, M6181Sxxx, M6182Sxxx - Contact factory for datasheets. MtronPTI’s M618x Series TCXO’s and TCVCXO’s provide design engineers with low voltage, surface mount products with extremely tight stability (down to ±0.10 ppm) over temperature and time. Specially processed crystals enable the M618xtoachieveconsistentlong-termstabilityandminimalfrequencyshiftafterreflow.Thelowphasenoise(-155dBc/ Hz at 100 kHz) makes the M618x ideal for the design engineer working on all types of systems as the reference timing source. |
Similar Part No. - M61821QTCN |
|
Similar Description - M61821QTCN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |