Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95010CIMM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM95010CIMM
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010CIMM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM95010CIMM Datasheet HTML 3Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 4Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 5Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 6Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 7Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 8Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 9Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 10Page - National Semiconductor (TI) LM95010CIMM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND, unless otherwise noted.
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > V+), the current at that pin should be limited to 5 mA. Parasitic
components and/or ESD protection circuitry are shown below for the LM95010’s pins. The nominal breakdown voltage of D3 is 6.5 V. SNP stands for snap-back
device. Devices that are connected to a particular pin are marked with a"U" in the table below.
Pin Name
PIN #
D1
D2
D3
D4
D5
R1
SNP
ESD CLAMP
V+/3.3V SB
1
UU
NC
2
UUUUUU
U
NC
3
NC
4
UU
UU
U
ADD0
6
UU
UU
U
ADD1
7
UU
U
SWD
8
UU
UU
U
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. See Figure 4 above for the ESD
Protection Input Structure.
Note 5: Thermal resistance junction-to-ambient when attached to a printed circuit board with 2 oz. foil is 210 ˚C/W.
Note 6: See the URL “http://www.national.com/packaging/” for other recommendations and methods of soldering surface mount devices.
Note 7: “Typicals” are at TA = 25 ˚C and represent most likely parametric norm. They are to be used as general reference values not for critical design calculations.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: The supply current will not increase substantially with SensorPath transactions.
Note 10: Temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the internal power
dissipation of the LM95010 and the thermal resistance. See (Note 5) for the thermal resistance to be used in the self-heating calculation.
Note 11: This specification is provided only to indicate how often temperature data is updated once enabled.
Note 12: The output fall time is measured from VIH min to VIL max. The output fall time is guaranteed by design.
Note 13: The output rise time is measured from VIL max to VIH min. The output rise time is guaranteed by design.
20082006
FIGURE 4. ESD Protection Input Structure. Devices that are connected to a particular pin are marked with a"U"in
the table above.
www.national.com
7


Similar Part No. - LM95010CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95010CIMM/NOPB TI1-LM95010CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
LM95010CIMMX/NOPB TI1-LM95010CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
More results

Similar Description - LM95010CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
ON Semiconductor
NCT475 ONSEMI-NCT475 Datasheet
171Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package
June, 2015 ??Rev. 0
NCT275 ONSEMI-NCT275 Datasheet
191Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface
August, 2014 - Rev. 0
logo
Texas Instruments
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77918DGKR TI-TPS77918DGKR Datasheet
619Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com