Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95010CIMMX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM95010CIMMX
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010CIMMX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM95010CIMMX Datasheet HTML 7Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 8Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 9Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 10Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 11Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 12Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 13Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 14Page - National Semiconductor (TI) LM95010CIMMX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1.0 Functional Description (Continued)
Data Bits This is the data written to the LM95010 regis-
ter, are driven by the master. Data is transferred serially
with the most significant bit first. The number of data bits
may vary from one address to another, based on the size
of the register in the LM95010. This allows throughput
optimization based on the information that needs to be
written.
The LM95010 supports 8-bit or 16-bit data fields, as
described in Section 2.0 "Register Set".
Even Parity (EP) This data bit is based on all preceding
bits (Device Number, Internal Address, Read/Write and
Data bits) and the Even Parity bit itself. The parity (num-
ber of 1’s) of all the preceding bits and the parity bit must
be even - i.e. the result must be 0. During a write trans-
action, the EP bit is sent by the master to the LM95010 to
allow the LM95010 to check the received data before
using it.
Acknowledge (ACK) During the write transaction the
ACK bit is sent by the LM95010 indicating to the master
that the EP was received and was found correct, and that
no conflict was detected on the bus (excluding Attention
Request - see Section 1.3.5 "Attention Request Transac-
tion"). A write transfer is considered "completed" only
when the ACK bit is generated. A transaction that was not
positively acknowledged is not considered complete by
the LM95010 (i.e. internal operation related to the trans-
action are not performed) and the following are per-
formed:
— The BER bit in the LM95010 Device Status register is
set;
— The LM95010 generates an Attention Request before,
or together with the Start Bit of the next transaction
A transaction that was not positively acknowledged is
also not considered "complete" by the master (i.e. inter-
nal operations related to the transaction are not per-
formed). The transaction may be repeated by the master,
after detecting the source of the Attention Request (the
LM95010 that has a set BER bit in the Device Status
register). Note that the SensorPath protocol neither
forces, nor automates re-execution of the transaction by
the master.
The values of the ACK bit are:
— 1: Data was received correctly;
— 0: An error was detected (no-acknowledge).
1.3.4 Read and Write Transaction Exceptions
This section describes master and LM95010 handling of
special bus conditions, encountered during either Read or
Write transactions.
If an LM95010 receives a Start Bit in the middle of a trans-
action, it aborts the current transaction (the LM95010 does
not "complete" the current transaction) and begins a new
transaction. Although not recommend for SensorPath normal
operation, this situation is legitimate, therefore it is not
flagged as an error by the LM95010 and Attention Request is
not generated in response to it. The master generating the
Start Bit, is responsible for handling the not "complete" trans-
action at a "higher level".
If LM95010 receives more than the expected number of data
bits (defined by the size of the accessed register), it ignores
the unnecessary bits. In this case, if both master and
LM95010 identify correct EP and ACK bits they "complete"
the transaction. However, in most cases, the additional data
bits differ from the correct EP and ACK bits. In this case, both
the master and the LM95010 do not "complete" the transac-
tion. In addition, the LM95010 performs the following:
the BER bit in the LM95010 Device Status register is set
the LM95010 generates an Attention Request
If the LM95010 receives less than the expected number of
data bits (defined by the size of the accessed register), it
waits indefinitely for the missing bits to be sent by the
master. If then the master sends the missing bits, together
with the correct EP/ACK bits, both master and LM95010
"complete" the transaction. However, if the master starts a
new transaction generating a Start Bit, the LM95010 aborts
the current transaction (the LM95010 does not "complete"
the current transaction) and begins the new transaction. The
master is not notified by the LM95010 of the incomplete
transaction.
1.3.5 Attention Request Transaction
Attention Request is generated by the LM95010 when it
needs the attention of the master. The master and all
LM95010s must monitor the Attention Request to allow bit
re-sending in case of simultaneous start with a Data Bit or
Start Bit transfer. Refer to the "Attention Request" section,
Section 1.2.4 in the "Bit Signaling" portion of the data sheet.
The LM95010 will generate an Attention Request using the
following rules:
1.
A Function event that sets the Status Flag has occurred
and Attention Request is enabled and
2.
The "physical" condition for an Attention Request is met
(i.e., the bus is inactive), and
3.
At the first time 2 is met after 1 occurred, there has not
been an Attention request on the bus since a read of the
Device Status register, or since a Bus Reset.
OR
20082010
FIGURE 8. Write Transaction, master write data to LM95010
www.national.com
11


Similar Part No. - LM95010CIMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95010CIMMX/NOPB TI1-LM95010CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
More results

Similar Description - LM95010CIMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
ON Semiconductor
NCT475 ONSEMI-NCT475 Datasheet
171Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package
June, 2015 ??Rev. 0
NCT275 ONSEMI-NCT275 Datasheet
191Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface
August, 2014 - Rev. 0
logo
Texas Instruments
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77918DGKR TI-TPS77918DGKR Datasheet
619Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com