Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G691L400T26 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G691L400T26
Description  Microprocessor Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G691L400T26 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G691L400T26 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G691L400T26 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G690/G691
Global Mixed-mode Technology Inc.
SOT 23 (T7) Package
Note:
1.Package body sizes exclude mold flash protrusions or gate burrs
2.Tolerance ±0.1000 mm (4mil) unless otherwise specified
3.Coplanarity: 0.1000mm
4.Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ
1
H
D
e
E
L
C
θ1
b
A2
A
A1
H
D
e
E
L
C
θ1
b
A2
A
A1


Similar Part No. - G691L400T26

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690_15 Datasheet
35Kb / 1P
   Microprocessor Reset IC
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
List of Unclassifed Man...
G692H ETC-G692H Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
G693 ETC-G693 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
More results

Similar Description - G691L400T26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com