Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP20D Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # EGP20D
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

EGP20D Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  EGP20D Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited EGP20D Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
MECHANICAL DATA
Terminals: Axial lead ,solderable per
MIL- STD-750,Method 2026
Polarity: Color band denotes cathode
Weight: 0.014 ounces,0.39 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
300
400
600
800
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
420
560
V
Maximum DC blocking voltage
VDC
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=125
Maximum reverse recovery
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
RθJA
RθJL
Operating junction temperature range
TJ
Storage temperature range
TSTG
3.Thermal resistance f rom junction to ambient.
IFSM
IR
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0. 25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
1.25
1.7
Typical thermal resistance
(Note3)
- 55 ---- + 150
0.95
EGP20A(Z) --- EGP20K(Z)
A
IF(AV)
2.0
HIGH EFFICIENCY RECTIFIERS
VOLTAGE RANGE: 50 --- 800 V
CURRENT: 2.0 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GALAXY ELECTRICAL
Case:JEDEC DO--15,molded plastic
EGP EGP EGP EGP EGP EGP EGP EGP
20A
20B
20C
20D
20F
20G
20J
20K
The plastic material carries U/L recognition 94V-0
DO - 15
High current capability
Easily cleaned with Alcohol,Isopropanol
and similar solvents
/W
40
15
50
- 55 ---- + 125
70
45
75
5.0
100
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 1562109
1.
50
100
150
200
300
400
600
800
V
75
Typical thermal resistance
(Note 4)
4.Thermal resistance from junction to lead.
Dimensions in millimeters


Similar Part No. - EGP20D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20D ZOWIE-EGP20D Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP20D DACHANG-EGP20D Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 2.0A
logo
Vishay Siliconix
EGP20D VISHAY-EGP20D Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
EGP20D FAIRCHILD-EGP20D Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20D FAIRCHILD-EGP20D Datasheet
271Kb / 6P
   2.0 A Glass-Passivated High-Efficiency Rectifiers
More results

Similar Description - EGP20D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com