Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8214SCDS Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8214SCDS
Description  40MSPS 16 BIT CCD DIGITISER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214SCDS Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8214SCDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 11Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 12Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 13Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
WM8214
Product Preview
w
PP Rev 1.6 March 2004
10
SERIAL INTERFACE
SCK
SDI
SEN
SDO
t
SPER
t
SCKL
t
SCKH
t
SSU
t
SH
t
SCE
t
SEW
t
SEC
t
SERD
t
SCRD
MSB
LSB
t
SCRDZ
ADC DATA
ADC
DATA
REGISTER DATA
Figure 4 Serial Interface Timing
Test Conditions
AVDD = DVDD1 = DVDD2 = 2.97 to 3.63V, AGND = DGND = 0V, TA = 0 to 70
°C unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SCK period
tSPER
83.3
ns
SCK high
tSCKH
37.5
ns
SCK low
tSCKL
37.5
ns
SDI set-up time
tSSU
6
ns
SDI hold time
tSH
6
ns
SCK to SEN set-up time
tSCE
12
ns
SEN to SCK set-up time
tSEC
12
ns
SEN pulse width
tSEW
60
ns
SEN low to SDO = Register data
tSERD
30
ns
SCK low to SDO = Register data
tSCRD
30
ns
SCK low to SDO = ADC data
tSCRDZ
30
ns
Note:
1. Parameters are measured at 50% of the rising/falling edge


Similar Part No. - WM8214SCDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8214SCDS WOLFSON-WM8214SCDS Datasheet
486Kb / 36P
   40MSPS 16-bit CCD Digitiser
WM8214SCDS/R WOLFSON-WM8214SCDS/R Datasheet
486Kb / 36P
   40MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8214SCDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8214 WOLFSON-WM8214_07 Datasheet
486Kb / 36P
   40MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8214 CIRRUS-WM8214 Datasheet
625Kb / 36P
   40MSPS 16-bit CCD Digitiser
logo
Wolfson Microelectronic...
WM8199 WOLFSON-WM8199 Datasheet
358Kb / 30P
   20MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213_08 Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8199 CIRRUS-WM8199 Datasheet
473Kb / 32P
   20MSPS 16-bit CCD Digitiser
WM8213 CIRRUS-WM8213 Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Wolfson Microelectronic...
WM8199 WOLFSON-WM8199_07 Datasheet
388Kb / 32P
   20MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
   (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
   (88) Bit Output 16-bit CIS/CCD AFE/Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com