Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF18L Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SF18L
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SF18L Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SF18L Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SF18L Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
The plastic package carries underwrites laboratory
flammability classification 94V-O
High current capability
Low reverse leakage
Low forward voltage drop
MECHANICAL DATA
Case:JEDEC
A-405,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.0
08 ounces,0.23 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SF
13L
SF
14L
SF
15L
SF
16L
SF
SF
17L
18L
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximuminstantaneous forward voltage
@ 1.0 A
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Typical junction capacitance
(Note
2)
CJ
pF
Operating junction temperature range
TJ
Storage temperature range
TSTG
IFSM
70
105
140
210
280
350
420
35
A-405
5.0
50
SF
11L
A
50.0
25.0
NOTE:
1. Measured with IF=0.5A,IR=1.0A,Irr=0.25A.
- 50 ---- + 125
- 50---- + 150
A
High temperature soldering guaranteed:
IF(AV)
SUPER FAST RECTIFIERS
VOLTAGE RANGE: 50 --- 600 V
CURRENT:
1.0 A
100
150
200
300
400
500
600
SF
12L
vvvvv350 /10 seconds, 0.375"(9.5mm) lead length,
wwc5lbs, (2.3kg) tension
GALAXY ELECTRICAL
A
50
IR
1.0
30.0
0.95
1.3
1.7
100.0
100
150
200
300
400
500
600
SF11L --- SF18L
BL
BLGALAXY ELECTRICAL
Document Number
1564183
1.
www.galaxycn.com
VF
V
Maximum reverse recovery time (Note1)
2.Measured at 1.0MHz and applied reverse v oltage of 4.0V DC.
trr
35
ns
Dimensions in millimeters


Similar Part No. - SF18L

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
SF18 DSK-SF18 Datasheet
368Kb / 2P
   SUPER FAST RECTIFIERS
logo
Mospec Semiconductor
SF18 MOSPEC-SF18 Datasheet
141Kb / 2P
   POWER RECTIFIERS(1.0A,500-1000V)
logo
Guangdong Juxing Electr...
SF18 JUXING-SF18 Datasheet
689Kb / 2P
   Superfast Recovery Rectitiers
logo
Weitron Technology
SF18 WEITRON-SF18 Datasheet
503Kb / 3P
   Axial Lead Super Fast Rectifier
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
More results

Similar Description - SF18L

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com