Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61822NFSN Datasheet(PDF) 2 Page - MTRONPTI

Part # M61822NFSN
Description  3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61822NFSN Datasheet(HTML) 2 Page - MTRONPTI

  M61822NFSN Datasheet HTML 1Page - MTRONPTI M61822NFSN Datasheet HTML 2Page - MTRONPTI M61822NFSN Datasheet HTML 3Page - MTRONPTI M61822NFSN Datasheet HTML 4Page - MTRONPTI M61822NFSN Datasheet HTML 5Page - MTRONPTI M61822NFSN Datasheet HTML 6Page - MTRONPTI M61822NFSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
M618x Series
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave
Precision TCXO/TCVCXO
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Performance Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions/Notes
Frequency Range
FO
8
52
MHz
Operating Temperature
TA
°C
Storage Temperature
TSTG
-55
+125
°C
Frequency Tolerance @ +25 °C
F/F
-1.0
+1.0
ppm
For TCXO only
Frequency Stability
FT/F
ppm
(FMAX - FMIN)/2
Stability vs. Reflow
-1.0
+1.0
ppm
Frequency vs. Supply
FVDD/F
±0.02
±0.1
ppm
For ±5% supply voltage variation
Frequency vs. Load
FLOAD/F
±0.02
±0.1
ppm
For ±5% load variation
Aging (First Year)
-1.0
+1.0
ppm
F0 ≤ 20 MHz
Aging (First Year)
-2.0
+2.0
ppm
F0 > 20 MHz
Aging (10 Year)
-3.0
+3.0
ppm
F0 ≤ 20 MHz (includes first year)
Aging (10 Year)
-5.0
+5.0
ppm
F0 > 20 MHz (includes first year
Supply Voltage
VDD
V
±5% voltage tolerance
Supply Current
IDD
2.0
3.0
mA
HCMOS output at 13 MHz
(Reference to VDD = 3.3 V)
3.0
4.0
mA
HCMOS output at 26 MHz
5.5
6.5
mA
HCMOS output at 52 MHz
1.3
1.9
mA
Clipped Sine Wave output at 13 MHz
1.7
2.3
mA
Clipped Sine Wave output at 26 MHz
2.8
3.5
mA
Clipped Sine Wave output at 52 MHz
Output Logic Levels
VOL
20
% VDD IOH/IOL = ±4 mA, VDD = +3.0 V
(HCMOS)
VOH
80
% VDD IOH/IOL = ±4 mA, VDD = +3.0 V
Output Level
VOUT
1.0
Vpk-pk
F0 ≤ 40 MHz
(Clipped Sine Wave)
VOUT
0.8
Vpk-pk
F0 > 40 MHz
Symmetry (Duty Cycle)
tDC
40
50
60
%
Ref. to ½ VDD HCMOS Only
Rise/Fall Time
tR/tF
6.5
ns
Ref. 10% to 90% HCMOS only
Output Load
HCMOS Output
Clipped Sine Wave Output
Frequency Adjustment
-10
+10
ppm
Over Control Voltage Range
Control Voltage Range
0.3
1.50
2.7
V
For VDD = 3.0 V
0.3
1.65
3.0
V
For VDD = 3.3 V
0.5
2.50
4.5
V
For VDD = 5.0 V
Input Leakage Current
-50
+50
µA
Input Resistance
100
kΩ
Linearity
5
%
ModulationBandwidth
2 kHz
Tristate Function
70
% VDD Output enabled. Logic “1” or “Open”
30
% VDD Output disabled. Logic “0” or “GND”
Tristate Leakage Current
-100
+100
µA
Phase Noise
-101
dBc/Hz @ 10 Hz Offset
(Typical 12.8 MHz HCMOS @ 3.3 V)
-130
dBc/Hz @ 100 Hz Offset
-149
dBc/Hz @ 1 kHz Offset
-155
dBc/Hz @ 10 kHz Offset
-156
dBc/Hz @ 100 kHz Offset
Shock
Vibration
Solderability
Package
Max Soldering Conditions
MIL-STD-202, Method 213, Condition C (100 g)
MIL-STD-202, Methods 201 & 204 (10 g from 10 Hz to 2000 Hz)
EIAJ-STD-002
3.2 mm x 5.0 mm x 1.58 mm, SMT (RoHS Compliant)
See solder profile
(See Ordering Information)
(See Ordering Information)
15 pF
10 kΩ || 10 pF
(See Ordering Information)


Similar Part No. - M61822NFSN

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M6185-4007-SS RAF-M6185-4007-SS Datasheet
111Kb / 1P
   ROUND INTERNAL THREAD HANDLE
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
More results

Similar Description - M61822NFSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61501STCN MTRONPTI-M61501STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
   3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com