Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1715737605 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1715737605
Description  Impact 100 Ohm Right-Angle Orthogonal Direct Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1715737605 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1715737605 Datasheet HTML 1Page - Molex Electronics Ltd. 1715737605 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1715737605
Status:
Active
Overview:
Impact™ Backplane Connectors and Cable Assemblies
Description:
Impact™ 100 Ohm Right-Angle Orthogonal Direct Header, 3-Pair, Top Guide, Bottom
Endwall, with Outrigger, 6 Column, 18 Differential Pair, Pin Length 5.50mm, 0.46mm
Plated Through-Hole, Lead-Free
Documents:
3D Model
Application Specification AS-76060-9999-001 (PDF)
Drawing (PDF)
Application Specification AS-76850-990-001 (PDF)
Product Specification PS-45499-002-001 (PDF)
Packaging Specification PK-70873-8018 (PDF)
Product Specification PS-76060-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
171573
Application
Orthogonal Direct
Application Tooling Documents
TM-622018799
Component Type
PCB Header
Overview
Impact™ Backplane Connectors and Cable Assemblies
Product Name
Impact™
UPC
887191432328
Physical
Circuits (Loaded)
54
Circuits (maximum)
54
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
14.278/g
Number of Columns
6
Number of Pairs
3
Number of Rows
9
Orientation
Right Angle
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.35mm, 1.90mm, 2.15mm
Pitch - Termination Interface
1.35mm, 1.90mm, 2.15mm
Plating min - Mating
0.762µm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
171573 Series
Mates With
76860 Impact™ 100 Ohm Right Angle
Orthogonal Daughtercard


Similar Part No. - 1715737605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1715737605 MOLEX11-1715737605 Datasheet
44Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 3-Pair, Top Guide
More results

Similar Description - 1715737605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1715739605 MOLEX1-1715739605_17 Datasheet
41Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715741818 MOLEX1-1715741818_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715747804 MOLEX1-1715747804_17 Datasheet
45Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715747805 MOLEX1-1715747805_17 Datasheet
45Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715731614 MOLEX1-1715731614_17 Datasheet
43Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715741817 MOLEX1-1715741817_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715731617 MOLEX1-1715731617_17 Datasheet
43Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715739604 MOLEX1-1715739604_17 Datasheet
41Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715747807 MOLEX1-1715747807_17 Datasheet
45Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715731618 MOLEX1-1715731618_17 Datasheet
43Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
1715737607 MOLEX1-1715737607_17 Datasheet
44Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com