Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8777 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8777
Description  24 BIT 192KHZ AV RECEIVER ON A CHIP
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8777 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8777 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
Product Preview
WM8777
w
PP Rev 1.94 November 2004
11
SUPPLY CURRENT
The supply current of the WM877 depends on the operating mode. For example, the supply current
is lower when the device is used for playback-only (ADC off) or recording-only (DACs off). The supply
currents for various operating modes are shown in Table 1 below.
SUPPLY CURRENT
MODE DESCRIPTION
AVDDDAC
AVDDADC
PVDD
DVDD
TOTAL
UNIT
On power-up, no clks applied
2.81
1.89
0.30
0.39
5.39
mA
On power-up, clks applied
2.81
1.89
0.30
1.70
6.70
mA
ADC
2.71
38.86
0.30
5.80
47.67
mA
All DACs
55.35
1.90
0.30
18.61
76.16
mA
ADC, All DACs
53.45
38.69
0.30
22.4
114.84
mA
ADC, All DACs, Osc
53.44
38.70
1.12
22.4
115.66
mA
ADC, All DACs, Osc, PLL
53.38
38.62
3.74
28.65
124.39
mA
ADC, All DACs, Osc, PLL, S/PDIF
53.38
38.62
3.43
29.89
125.32
mA
ADC, All DACs, Osc, PLL, S/PDIF, Tone
87.53
38.53
3.43
29.99
159.48
mA
ADC, All DACs, Osc, PLL, S/PDIF, Tone,
HP (16 Ohm)
146.60
38.42
3.44
29.99
218.45
mA
Power-down, no clks applied
0.028
0.172
0.30
0.39
0.89
mA
Power-down, clks applied
0.028
0.172
0.30
1.60
2.10
mA
Software RESET
2.80
1.88
0.3
0.95
5.93
mA
Table 1 Supply Current for Functional Blocks
Notes:
1.
DAC Analogue supply (AVDDDAC) = 5V.
2.
ADC Analogue supply (AVDDADC) = 5V.
3.
PLL Analogue supply (PVDD) = 5V.
4.
Digital supply (DVDD) = 3.3V.


Similar Part No. - WM8777

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8777 WOLFSON-WM8777 Datasheet
1Mb / 103P
   24-bit, 192kHz AV Receiver on-a-Chip
WM8777SEFT/V WOLFSON-WM8777SEFT/V Datasheet
1Mb / 103P
   24-bit, 192kHz AV Receiver on-a-Chip
WM8777 WOLFSON-WM8777_05 Datasheet
1Mb / 103P
   24-bit, 192kHz AV Receiver on-a-Chip
More results

Similar Description - WM8777

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8777 WOLFSON-WM8777_05 Datasheet
1Mb / 103P
   24-bit, 192kHz AV Receiver on-a-Chip
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Asahi Kasei Microsystem...
AK4103A AKM-AK4103A_09 Datasheet
403Kb / 27P
   192kHz 24-Bit DIT
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
logo
Asahi Kasei Microsystem...
AK4396VF AKM-AK4396VF Datasheet
541Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com