Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2S204-02-000B1-A Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # H2S204-02-000B1-A
Description  HVR200 RIGTH ANGLE PLUG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

H2S204-02-000B1-A Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  H2S204-02-000B1-A Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H2S204-02-000B1-A Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H2S204-02-000B1-A Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
HVR200
RIGTH ANGLE PLUG
H2S204-02-000B1-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
RN_081-01
Documents
Assembly instruction
MA_HV0017
Panel piercing
MB_488
Material and plating
Connector parts
Material
Plating/Colour
Housing
AlSi12
Seal
Silicon
red
Centre Contact
Copper
Ag, min. 3 µm
Outer Contact
Brass
Ag, min. 0.5 µm
Insulator1
PA10
black
Insulator2
PBT-GF10
black
Insulator3
PBT-GF30
black
Insulator4
PBT-GF30
black
Insulator5
PBT-GF30
black
Insulator6
PA10
black
Insulator7
PA10
black


Similar Part No. - H2S204-02-000B1-A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H2S101-02-000B1-A ROSENBERGER-H2S101-02-000B1-A Datasheet
157Kb / 3P
   HVR200 STRAIGHT PLUG
H2S101-02-000B1-B ROSENBERGER-H2S101-02-000B1-B Datasheet
157Kb / 3P
   HVR200 STRAIGHT PLUG
H2S101-02-000B1-C ROSENBERGER-H2S101-02-000B1-C Datasheet
157Kb / 3P
   HVR200 STRAIGHT PLUG
H2S101-02-000B1-Y ROSENBERGER-H2S101-02-000B1-Y Datasheet
157Kb / 3P
   HVR200 STRAIGHT PLUG
H2S101-02-000B1-Z ROSENBERGER-H2S101-02-000B1-Z Datasheet
157Kb / 3P
   HVR200 STRAIGHT PLUG
More results

Similar Description - H2S204-02-000B1-A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H2S101-02-000B1-Y ROSENBERGER-H2S101-02-000B1-Y Datasheet
157Kb / 3P
   HVR200 STRAIGHT PLUG
H2K101-W2A025B1-Y ROSENBERGER-H2K101-W2A025B1-Y Datasheet
751Kb / 4P
   HVR200 STRAIGHT JACK
H2K101-W2A035B1-Y ROSENBERGER-H2K101-W2A035B1-Y Datasheet
1Mb / 4P
   HVR200 STRAIGHT JACK
H2K101-W2A016B1-Y ROSENBERGER-H2K101-W2A016B1-Y Datasheet
746Kb / 4P
   HVR200 STRAIGHT JACK
logo
Winchester Electronics ...
SD373-010-6141G WINCHESTER-SD373-010-6141G Datasheet
38Kb / 1P
   DIN RIGHT ANGLE PLUG DIN RIGHT ANGLE PLUG
UG-594B WINCHESTER-UG-594B Datasheet
64Kb / 1P
   PLUG, ANGLE IN
KN-59-298 WINCHESTER-KN-59-298 Datasheet
40Kb / 1P
   N ANGLE PLUG
KC-59-336 WINCHESTER-KC-59-336 Datasheet
56Kb / 1P
   PLUG, ANGLE, BNC
KC-59-660M06 WINCHESTER-KC-59-660M06 Datasheet
64Kb / 1P
   PLUG, ANGLE, BNC
logo
Rosenberger Hochfrequen...
51S207-306N5 ROSENBERGER-51S207-306N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com