Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H4K109-W1U035B1-YY Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # H4K109-W1U035B1-YY
Description  HPK STRAIGHT PLUG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

H4K109-W1U035B1-YY Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  H4K109-W1U035B1-YY Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W1U035B1-YY Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W1U035B1-YY Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W1U035B1-YY Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data Sheet
HPK
STRAIGHT PLUG
H4K109-W1U035B1-YY
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 4
Electrical data
Insulation resistance
 200 M
Voltage class
B
60 V_DC< U
≤1500 V_DC
25 V_AC< U ≤1000 V_AC
Contact resistance (Current)
≤ 0.78 m
Contact resistance (EMV)
≤ 10 m
Test voltage
2700 VDC
Working voltage
850 VDC
Ampacity According to DINEN60512-5-2
see chart
EMI (shielding effectiveness)
70 dB (10 kHz - 5 MHz)
65 dB (5 MHz - 500 MHz)
High Voltage Interlock (HVIL)
Yes
Power pins min. 1mm advanced


Similar Part No. - H4K109-W1U035B1-YY

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H4K109-W1U016B1-YY ROSENBERGER-H4K109-W1U016B1-YY Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U016B1-ZA ROSENBERGER-H4K109-W1U016B1-ZA Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U016B1-ZB ROSENBERGER-H4K109-W1U016B1-ZB Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U016B1-ZC ROSENBERGER-H4K109-W1U016B1-ZC Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U025B1-YY ROSENBERGER-H4K109-W1U025B1-YY Datasheet
296Kb / 4P
   HPK STRAIGHT PLUG
More results

Similar Description - H4K109-W1U035B1-YY

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H4K110-W2U050B1-Y ROSENBERGER-H4K110-W2U050B1-Y Datasheet
357Kb / 4P
   HPK STRAIGHT PLUG
H4K112-W2U025B1-Y ROSENBERGER-H4K112-W2U025B1-Y Datasheet
419Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U016B1-Y ROSENBERGER-H4K109-W2U016B1-Y Datasheet
332Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U025B1-Y ROSENBERGER-H4K109-W2U025B1-Y Datasheet
335Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U050B1-Y ROSENBERGER-H4K109-W2U050B1-Y Datasheet
357Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U016B1-Y ROSENBERGER-H4K110-W2U016B1-Y Datasheet
331Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U025B1-Y ROSENBERGER-H4K110-W2U025B1-Y Datasheet
334Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U035B1-Y ROSENBERGER-H4K110-W2U035B1-Y Datasheet
355Kb / 4P
   HPK STRAIGHT PLUG
H4K112-W1U050B1-YY ROSENBERGER-H4K112-W1U050B1-YY Datasheet
400Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U035B1-Y ROSENBERGER-H4K109-W2U035B1-Y Datasheet
354Kb / 4P
   HPK STRAIGHT PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com