Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H4K109-W2U035B1-C Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # H4K109-W2U035B1-C
Description  HPK STRAIGHT PLUG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

H4K109-W2U035B1-C Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  H4K109-W2U035B1-C Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W2U035B1-C Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W2U035B1-C Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W2U035B1-C Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data Sheet
HPK
STRAIGHT PLUG
H4K109-W2U035B1-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 4
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
RN_084-01
Documents
Assembly instruction
MA_HV0022
Prozess instruction (ultrasonic welding)
RN_087-01
Prozess data sheet (ultrasonic welding)
RN_087-04
Material and plating
Connector parts
Material
Plating / Color
Outer contact
Brass
Ag, min. 0.5µm
Center Contact
Copper
Ag, min. 3µm
Contact Spring (power)
Copper
Ag, min. 3µm
Supporting ring
Brass
Ag, min. 3µm
Contact Spring (shielding)
Beryllium copper
Ag, min. 0.5µm
Crimp sleeve
Brass
Sn, min. 3µm
Press in sleeve
Brass
Ni, min. 3µm
Insulator
PA10 GF30
red; black; waterblue
Housing
PA12 GF30
orange
Protective cover
PA12 GF30
orange
Seal (Housing)
Silicon
red, oil exudation
Seal (Cable)
Silicon
blue, oil exudation
Protective cap
EPDM
black


Similar Part No. - H4K109-W2U035B1-C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H4K109-W2U016B1-B ROSENBERGER-H4K109-W2U016B1-B Datasheet
332Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U016B1-B ROSENBERGER-H4K109-W2U016B1-B Datasheet
408Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U016B1-C ROSENBERGER-H4K109-W2U016B1-C Datasheet
332Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U016B1-C ROSENBERGER-H4K109-W2U016B1-C Datasheet
408Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U016B1-Y ROSENBERGER-H4K109-W2U016B1-Y Datasheet
332Kb / 4P
   HPK STRAIGHT PLUG
More results

Similar Description - H4K109-W2U035B1-C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H4K110-W2U050B1-Y ROSENBERGER-H4K110-W2U050B1-Y Datasheet
357Kb / 4P
   HPK STRAIGHT PLUG
H4K112-W2U025B1-Y ROSENBERGER-H4K112-W2U025B1-Y Datasheet
419Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U016B1-Y ROSENBERGER-H4K109-W2U016B1-Y Datasheet
332Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U025B1-Y ROSENBERGER-H4K109-W2U025B1-Y Datasheet
335Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U050B1-Y ROSENBERGER-H4K109-W2U050B1-Y Datasheet
357Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U035B1-YY ROSENBERGER-H4K109-W1U035B1-YY Datasheet
319Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U016B1-Y ROSENBERGER-H4K110-W2U016B1-Y Datasheet
331Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U025B1-Y ROSENBERGER-H4K110-W2U025B1-Y Datasheet
334Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U035B1-Y ROSENBERGER-H4K110-W2U035B1-Y Datasheet
355Kb / 4P
   HPK STRAIGHT PLUG
H4K112-W1U050B1-YY ROSENBERGER-H4K112-W1U050B1-YY Datasheet
400Kb / 4P
   HPK STRAIGHT PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com