Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9430WV24 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9430WV24
Description  Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9430WV24 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9430WV24 Datasheet HTML 7Page - Xicor Inc. X9430WV24 Datasheet HTML 8Page - Xicor Inc. X9430WV24 Datasheet HTML 9Page - Xicor Inc. X9430WV24 Datasheet HTML 10Page - Xicor Inc. X9430WV24 Datasheet HTML 11Page - Xicor Inc. X9430WV24 Datasheet HTML 12Page - Xicor Inc. X9430WV24 Datasheet HTML 13Page - Xicor Inc. X9430WV24 Datasheet HTML 14Page - Xicor Inc. X9430WV24 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
X9430
– Preliminary Information
Characteristics subject to change without notice.
11 of 21
REV 1.0 6/20/00
www.xicor.com
AMPLIFIER ELECTRICAL CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified.)
V+ and V- (±5V to ±3V) are the amplifier power supplies. The amplifiers are specified with dual power supplies.
VCC and VSS are the logic supplies. All ratings are over the temperature range for the Industrial (-40 to + 85°C) and
Commercial (0 to 70°C) versions of the part unless specified differently.
Symbol
Parameter
Condition
Industrial
Commercial
Unit
Min.
Typ.
Max.
Min. Typ. Max.
VOS
Input Offset Voltage
V+/V-
±3V to ±5V
1
3
1
2
mV
TCVOS
Input Offset Voltage Temp.
Coefficient
V+/V-
±3V to ±5V
-10
-10
µV/°C
IB
Input bias current
V+/V-
±3V to ±5V
50
50
pA
IOS
Input offset current
V+/V-
±3V to ±5V
25
25
pA
CMRR
Common mode
rejection ratio
VCM = -1V to +1V
70
70
dB
PSRR
Power supply
rejection ratio
V+/V-
±3V to ±5V
70
70
dB
VCM
Input common mode
voltage range
Tj = 25°C
V-
V+
V-
V+
V
AV
Large signal voltage gain
VO = -1V to + 1V
30
50
30
50
V/mV
VO
Output voltage swing
V-
V+
+0.1
-.15
+0.1
-.15
V
V
IO
Output current
V+/V- =
±5.5V
V+/V- =
±3.3V
50
30
50
30
mA
mA
IS
Supply current
V+/V- =
±5.0V
3
3
mA
V+/V- =
±3.0V
1.5
1.5
mA
GB
Gain-bandwidth prod
RL = 100k, CL = 50pf
1.0
1.0
MHz
SR
Slew rate
RL = 100k, CL = 50pf
1.5
1.5
V/µsec
Φ
M
Phase margin
RL = 100k,
CL = 50pf
80
80
Deg.


Similar Part No. - X9430WV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9430WV24 INTERSIL-X9430WV24 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
X9430WV24-2.7 INTERSIL-X9430WV24-2.7 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
X9430WV24I INTERSIL-X9430WV24I Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
X9430WV24I-2.7 INTERSIL-X9430WV24I-2.7 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
More results

Similar Description - X9430WV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9438 INTERSIL-X9438 Datasheet
280Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
X9430 INTERSIL-X9430 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com