Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM846C23 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM846C23
Description  4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM846C23 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM846C23 Datasheet HTML 7Page - Texas Instruments TPSM846C23 Datasheet HTML 8Page - Texas Instruments TPSM846C23 Datasheet HTML 9Page - Texas Instruments TPSM846C23 Datasheet HTML 10Page - Texas Instruments TPSM846C23 Datasheet HTML 11Page - Texas Instruments TPSM846C23 Datasheet HTML 12Page - Texas Instruments TPSM846C23 Datasheet HTML 13Page - Texas Instruments TPSM846C23 Datasheet HTML 14Page - Texas Instruments TPSM846C23 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
Output Current (A)
0
5
10
15
20
25
30
35
25
35
45
55
65
75
85
95
105
115
D011
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0
5
10
15
20
25
30
35
25
35
45
55
65
75
85
95
105
115
D012
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
D006
1.8 V
1.2 V
0.8 V
Output Current (A)
0
5
10
15
20
25
30
35
25
35
45
55
65
75
85
95
105
115
D010
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0
5
10
15
20
25
30
35
55
60
65
70
75
80
85
90
95
100
D004
1.8 V
1.2 V
0.8 V
Output Current (A)
0
5
10
15
20
25
30
35
0
2
4
6
8
10
D005
1.8 V
1.2 V
0.8 V
11
TPSM846C23
www.ti.com
SLVSDF3 – MARCH 2017
Product Folder Links: TPSM846C23
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.10 Typical Characteristics (VIN = 5V)
VIN = 5 V, TA = 25 ºC, fSW = 500 kHz (unless otherwise specified). Safe operating area curves were measured using a Texas
Instruments evaluation module (EVM).
VIN = 5 V
fSW = 500 kHz
Figure 7. Efficiency vs Output Current
VIN = 5 V
fSW = 500 kHz
Figure 8. Power Dissipation vs Output Current
VIN = 5 V
fSW = 500 kHz
Figure 9. Voltage Ripple vs Output Current
VIN = 5 V
VOUT = 0.8 V
fSW = 500 kHz
Figure 10. Safe Operating Area
VIN = 5 V
VOUT = 1.2 V
fSW = 500 kHz
Figure 11. Safe Operating Area
VIN = 5 V
VOUT = 1.8 V
fSW = 500 kHz
Figure 12. Safe Operating Area


Similar Part No. - TPSM846C23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23MOLR TI1-TPSM846C23MOLR Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
More results

Similar Description - TPSM846C23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com