Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61240 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61240
Description  3.5-MHz High Efficiency Step-Up Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61240 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61240 Datasheet HTML 3Page - Texas Instruments TPS61240 Datasheet HTML 4Page - Texas Instruments TPS61240 Datasheet HTML 5Page - Texas Instruments TPS61240 Datasheet HTML 6Page - Texas Instruments TPS61240 Datasheet HTML 7Page - Texas Instruments TPS61240 Datasheet HTML 8Page - Texas Instruments TPS61240 Datasheet HTML 9Page - Texas Instruments TPS61240 Datasheet HTML 10Page - Texas Instruments TPS61240 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
10
20
30
40
50
60
70
80
90
100
2.3
2.8
3.3
3.8
4.3
4.8
5.3
V
-InputVoltage-V
IN
I
=100 A
O
m
I
=1mA
O
I
=10mA
O
I
=100mA
O
I
=200mA
O
0
0.010
0.020
0.030
0.040
0.050
0.060
0.070
-40°C
85°C
25°C
2
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
-40°C
25°C
85°C
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
0.0001
V =2.3V
I
V =3V
I
V =3.6V
I
V =4.2V
I
7
TPS61240-Q1
www.ti.com
SLVSAO4B – DECEMBER 2010 – REVISED MARCH 2017
Product Folder Links: TPS61240-Q1
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
6.6 Typical Characteristics
Table 1. Table of Graphs
Figure
Maximum output current
vs Input voltage
Figure 1
Efficiency
vs Output current, VOUT = 5 V, VIN = [2.3 V, 3 V, 3.6 V, 4.2 V]
Figure 2
vs Input voltage, VOUT = 5 V, IOUT = [100 µA, 1 mA, 10 mA, 100 mA, 200 mA]
Figure 3
Input current
at No output load (PFM Mode)
Figure 4
Output voltage
vs Output current, VOUT = 5 V, VIN = [2.3 V, 3 V, 3.6 V, 4.2 V]
Figure 5
vs Input voltage
Figure 6
Frequency
vs Output load, VOUT = 5 V, VIN = [3 V, 4 V, 5 V]
Figure 7
Figure 1. Maximum Output Current vs Input Voltage
Figure 2. Efficiency vs Output Current for Different VIN (VI)
Figure 3. Efficiency vs Input Voltage for Different Output
Current (IO)
Figure 4. Input Current at No Output Load (PFM Mode) for
Different TA


Similar Part No. - TPS61240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240DRV TI-TPS61240DRV Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240DRVR TI-TPS61240DRVR Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com