Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8521HCGED Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8521HCGED
Description  STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521HCGED Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8521HCGED Datasheet HTML 4Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 5Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 6Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 7Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 8Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 9Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 10Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 11Page - Wolfson Microelectronics plc WM8521HCGED Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
WM8521
Product Preview
w
PP Rev 1.3 December 2004
8
MASTER CLOCK TIMING
MCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 1 Master Clock Timing Requirements
Test Conditions
AVDD = 12V, DVDD = 3.3V, AGND / DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK Master clock pulse width
high
tMCLKH
11
ns
MCLK Master clock pulse width
low
tMCLKL
11
ns
MCLK Master clock cycle time
tMCLKY
28
ns
MCLK Duty cycle
40:60
60:40
Time from MCLK stopping to
digital reset
1.5
12
µs
DIGITAL AUDIO INTERFACE
Figure 2 Digital Audio Data Timing
Test Conditions
AVDD = 12V, DVDD = 3.3V, AGND / DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
LRCLK set-up time to BCLK
rising edge
tLRSU
10
ns
LRCLK hold time from
BCLK rising edge
tLRH
10
ns
DIN set-up time to BCLK
rising edge
tDS
10
ns
DIN hold time from BCLK
rising edge
tDH
10
ns
BCLK
LRCLK
t
BCH
t
BCL
t
BCY
DIN
t
LRSU
t
DS
t
LRH
t
DH


Similar Part No. - WM8521HCGED

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8521HCGED/RV WOLFSON-WM8521HCGED/RV Datasheet
267Kb / 20P
   Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
WM8521HCGED/V WOLFSON-WM8521HCGED/V Datasheet
267Kb / 20P
   Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
More results

Similar Description - WM8521HCGED

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
   Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521_06 Datasheet
267Kb / 20P
   Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
   Stereo 24-bit DAC with 2Vrms Line Out
logo
Wolfson Microelectronic...
WM1824 WOLFSON-WM1824 Datasheet
330Kb / 24P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8524 WOLFSON-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Cirrus Logic
WM8533 CIRRUS-WM8533 Datasheet
742Kb / 41P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Wolfson Microelectronic...
WM8523 WOLFSON-WM8523 Datasheet
618Kb / 51P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8533 WOLFSON-WM8533 Datasheet
742Kb / 41P
   24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com