Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC74UL08AA Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC74UL08AA
Description  CMOS LOGIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74UL08AA Datasheet(HTML) 2 Page - Torex Semiconductor

  XC74UL08AA Datasheet HTML 1Page - Torex Semiconductor XC74UL08AA Datasheet HTML 2Page - Torex Semiconductor XC74UL08AA Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XC74UL08AA
982
13
■DC Electrical Characteristics
■Switching Electrical Characteristics
MIN TYP MAX MIN MAX
1.5
VCC(V)
2.0
--
1.5
-
2.1
3.0
--
2.1
-
3.85
5.5
--
3.85
-
-
2.0
-
0.5
-
0.5
-
3.0
-
0.9
-
0.9
-
5.5
-
1.65
-
1.65
VIH
V
Input Voltage
VIL
V
1.9
2.0
2.0
-
1.9
-
2.9
IOH=-50
µA
3.0
3.0
-
2.9
-
4.4
4.5
VIN=VIH
4.5
-
4.4
-
2.58
3.0
--
2.48
-
3.94
IOH=-4mA
IOH=-8mA
4.5
--
3.80
-
VOH
V
-
2.0
-
0.1
-
0.1
-
IOL=50
µA
3.0
-
0.1
-
0.1
-
4.5
VIN=VIH or VIL
-
0.1
-
0.1
-
3.0
-
0.36
-
0.44
-
IOL=4mA
IOL=8mA
4.5
-
0.36
-
0.44
-
VIN=VCC or GND
Input Current
VIN=VCC or GND, IOUT=0
µA
5.5
Quiescent Supply Current
IIN
5.5
ICC
-
1.0
-
10.0
-0.1
-
0.1
-1.0
1.0
VOL
V
µA
Output Voltage
UNITS
Ta=-40~85
°C
Ta=25
°C
CONDITIONS
PARAMETER
SYMBOL
MIN TYP MAX MIN MAX
CL
-
15pF
3.7
8.8
1.0
10.5
-
tPLH
2.8
5.9
1.0
7
-
50pF
5.2
12.3
1.0
14
-
15pF
3.2
8.8
1.0
10.5
-
tPHL
2.4
5.9
1.0
7
-
50pF
ns
ns
ns
ns
4.5
12.3
1.0
14
Input Capacitance
CIN
-
VCC(V)
3.3
5.0
3.3
-
3.7
7.9
1.0
9
5.0
3.3
5.0
3.3
-
3.4
7.9
1.0
9
5.0
5.0
-
410
-
10
pF
Power Dissipation Capacitance
Cpd
No Load, f=1MHz
VIN=VCC or GND
-
9.3
---
pF
Propagation Delay Time
UNITS
Ta=-40~85
°C
Ta=25
°C
CONDITIONS
PARAMETER
SYMBOL
tr=tf=3ns
■Recommended Operating Conditions
VCC
VOUT
Topr
V
V
°C
VIN
V
0 ~ 100
tr, tf
Supply Voltage
Output Voltage
Operating Temperature
Input Voltage
Input Rise and Fall Time
2 ~ 5.5
0 ~ VCC
-40 ~ +85
0 ~ 5.5
IOH
IOL
Output Current
mA
-4
4
8
-8
0 ~ 20
3.3
3.0
3.0
4.5
4.5
5.0
ns
UNITS
CONDITIONS
PARAMETER
SYMBOL
-
-
-
-
VCC(V)
13S_34XC74UL(08AAN) 02.09.12 16:10 ページ 982


Similar Part No. - XC74UL08AA

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
155Kb / 4P
   CMOS Logic
XC74UL08AA-12 TOREX-XC74UL08AA-12 Datasheet
160Kb / 4P
   CMOS Logic
XC74UL08AA_002 TOREX-XC74UL08AA_002 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL08AA TOREX-XC74UL08AA_12 Datasheet
160Kb / 4P
   CMOS Logic
XC74UL08AA TOREX-XC74UL08AA_15 Datasheet
160Kb / 4P
   CMOS Logic
More results

Similar Description - XC74UL08AA

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com