Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EF Datasheet(PDF) 9 Page - Winbond

Part # WTS701EF
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EF Datasheet(HTML) 9 Page - Winbond

Back Button WTS701EF Datasheet HTML 5Page - Winbond WTS701EF Datasheet HTML 6Page - Winbond WTS701EF Datasheet HTML 7Page - Winbond WTS701EF Datasheet HTML 8Page - Winbond WTS701EF Datasheet HTML 9Page - Winbond WTS701EF Datasheet HTML 10Page - Winbond WTS701EF Datasheet HTML 11Page - Winbond WTS701EF Datasheet HTML 12Page - Winbond WTS701EF Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 9 -
Revision 3.09
6. PIN DESCRIPTION
Table 1. WTS701 Pin Signal Assignment.
PIN NO.
SYMBOL
I/O
FUNCTION
2,36,44
VSSA
G
Analog Ground pins.
3
VCLK
I
CODEC master clock
4
VFS
I
CODEC frame synchronization signal
5
VDX
O
CODEC data output. This pin puts data out in the linear PCM
unsigned or 2’s complement format. It is tri-stated until the user
requests a CONVERT operation.
6
MISO
O
SPI Master In, Slave Out pin. Serial data line used to
communicate with SPI master. Pin is tri-state when SS =1.
7
XTAL2
O
CRYSTAL 2: This is the crystal oscillator output. It is the
inversion of XTAL1.
8
XTAL1
I
CRYSTAL 1: This is the crystal oscillator input. This pin may be
driven by an external clock. The clock to the WTS701 processor
is configured by a clock configuration register, which is set by the
host processor during the initialization phase.
9,10
VSSD
G
Digital Ground pin.
11,12
VCCD
P
Positive Digital Voltage Supply pin. These pins carry noise
generated by internal clocks in the chip. They must be
independently bypassed to Digital Ground to ensure correct
device operation and not connected together.
13
INT
O
Interrupt Output; an open drain output that indicates that the
device wishes an interrupt service. The device can request an
interrupt when it finishes an operation or needs more data to
process. Under what conditions the device generates an
interrupt can be configured through the user configuration
registers. This pin remains LOW until a Read Interrupt command
is executed.
14
MOSI
I
SPI Master Out, Slave In. Serial data input from Master and
Open Drain
15
SS
I
SPI Slave Select input. This is an active LOW input used to
select the device to respond to an SPI transaction.
16
SCLK
I
SPI Serial clock input.
25
CS
I
Chip Select (active LOW) Pin must be LOW to access WTS701
device.
26
R/ B
O
Ready/busy signal; This pin defaults HIGH indicating the device
is ready for data transfer. The pin is driven LOW to handshake a
pause in SPI data transfer and Open Drain.


Similar Part No. - WTS701EF

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTS772 WEITRON-WTS772 Datasheet
237Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
More results

Similar Description - WTS701EF

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
logo
OKI electronic componet...
ML2110 OKI-ML2110 Datasheet
532Kb / 101P
   Speech Control Processor
logo
Microchip Technology
SP0264 MICROCHIP-SP0264 Datasheet
344Kb / 12P
   NARRATOR SPEECH PROCESSOR
1989
logo
List of Unclassifed Man...
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
   Speech And Music Processor
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
   Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com