Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5749080-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5749080-2
Description  AMPLIMITE Subminiature D Connectors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5749080-2 Datasheet(HTML) 1 Page - Tyco Electronics

  5749080-2 Datasheet HTML 1Page - Tyco Electronics 5749080-2 Datasheet HTML 2Page - Tyco Electronics 5749080-2 Datasheet HTML 3Page - Tyco Electronics 5749080-2 Datasheet HTML 4Page - Tyco Electronics 5749080-2 Datasheet HTML 5Page - Tyco Electronics 5749080-2 Datasheet HTML 6Page - Tyco Electronics 5749080-2 Datasheet HTML 7Page - Tyco Electronics 5749080-2 Datasheet HTML 8Page - Tyco Electronics 5749080-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
6
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Cable Assemblies, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
To meet Standard
Applications the following
106 ohm, black jacketed
cable assemblies are avail-
able. For AMPLIMITE .050
Series cable assemblies that
meet other impedance
requirements or other
lengths consult
Tyco Electronics.
Part Numbers
Application
Assembly
2 Feet
2 Meters
3 Meters
50 pos. .050 Series Plug to
SCSI-2
50 pos. .050 Series Plug
750254-1
5750254-2
750254-3
68 pos. .050 Series Plug to
SCSI-2*
68 pos. .050 Series Plug
5750732-2
5750732-4
RS-232
26 pos. .050 Series Plug to
(Alternate)
26 pos. .050 Series Plug
750255-2
750255-3
Part Numbers
Application
Assembly
5 Meters
15 Meters
25 Meters
IPI-2 and
100 pos. .050 Series Plug to
HIPPI
100 pos. .050 Series Plug
749755-2
*This version has spring latches. Consult Tyco Electronics for availability of jackscrew version.
Note: .050 centerline ribbon cable assemblies are available in single or double ended versions. These assemblies are
made using AMPLIMITE .050 Series panel mount connectors, AMPLIMITE .050 Series all-plastic connectors
and AMP-LATCH Novo receptacles. Consult Tyco Electronics.
SCSI—Small Computer Systems Interface
HIPPI—High Performance Parallel Interface
IPI—Intelligent Peripheral Interface
RS-232 (Alternate)
IPI-2 and HIPPI
SCSI-1 to SCSI-2
SCSI-2
RS-232 (Alternate)
to RS-232


Similar Part No. - 5749080-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5749080-2 MACOM-5749080-2 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
More results

Similar Description - 5749080-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com