Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5749081-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 5749081-1
Description  AMPLIMITE Subminiature D Connectors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5749081-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 5749081-1 Datasheet HTML 3Page - Tyco Electronics 5749081-1 Datasheet HTML 4Page - Tyco Electronics 5749081-1 Datasheet HTML 5Page - Tyco Electronics 5749081-1 Datasheet HTML 6Page - Tyco Electronics 5749081-1 Datasheet HTML 7Page - Tyco Electronics 5749081-1 Datasheet HTML 8Page - Tyco Electronics 5749081-1 Datasheet HTML 9Page - Tyco Electronics 5749081-1 Datasheet HTML 10Page - Tyco Electronics 5749081-1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
12
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Cable Plug Connectors, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Materials:
Housing and Covers—
Thermoplastic, 94V-0 rated, black or
gray
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, tin on termination end, all
underplated .nickel
Shell—Steel, plated tin-nickel alloy
over nickel over min. copper
Recommended wire size—
28 AWG [0.08-0.09mm2] or
30 AWG [0.05mm2], solid or
7 strand, with a .029-.036
[0.74-0.89] insulation diameter.
Technical Documents:
Product Specifications—108-1228
Application Specifications—
114-40029
Instruction Sheet—408-9427
B
Housing
.050
[1.27]
Typ.
.224
[5.69]
.100
[2.54]
Typ.
+.003
.327 -.002
+0.08
[8.31-0.05]
.588±.010
[14.94±0.25]
Typ.
Mating Face
Shell
±.003
D
[±0.08]
±.003
A [±0.08]
Typ.
Termination
Area
Typ.
Shielded Plugs
Shielded Plug with Unassembled Wire Lacing Termination Covers
Shielded Plug
Wire Lacing Termination Covers
Part Numbers
No. of
Dimensions
.032-.036
.029-.031
Pos.
AB
D
[0.81-0.91]
[0.74-0.79]
Outer Wire Dia. Black
Outer Wire Dia. Gray
.293
.600
.979
26
7.44
15.24
24.87
5750913-2
1-5750913-2
.293
1.200
1.579
50
7.44
30.48
40.11
5750913-5
1-5750913-5
.293
1.650
2.029
68
7.44
41.91
51.54
5750913-7
1-5750913-7
.373
2.450
2.829
100
9.47
62.23
71.86
1-5750913-9
Notes: 1. Plug connector requires backshell kit for complete assembly. Refer to pages 16-19 for backshell kit part
numbers.
2. For termination, cover closing and wire lacing tooling, see page 14.
Connector With Unassembled Wire Lacing Termination Covers


Similar Part No. - 5749081-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5749081-1 MACOM-5749081-1 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
More results

Similar Description - 5749081-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com