Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9430WS24I-2.7 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X9430WS24I-2.7
Description  Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9430WS24I-2.7 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9430WS24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 9Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 10Page - Xicor Inc. X9430WS24I-2.7 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
X9430
– Preliminary Information
Characteristics subject to change without notice.
7 of 21
REV 1.0 6/20/00
www.xicor.com
Figure 7. Increment/Decrement Timing
SCK
SI
VW
INC/DEC CMD Issued
tWRID
VOUT
REGISTER OPERATION
Both digitally controlled potentiometers share the serial
interface and share a common architecture. Each
potentiometer is associated with a wiper counter regis-
ter (WCR), and four data registers. Figure 8 illustrates
the control, registers, and system features of the
device.
Figure 8. System Block Diagram
Wiper Counter (WCR) and Analog Control
Registers (ACR)
The X9430 contains two wiper counter registers, one
for each XDCP. The wiper counter register is equivalent
to a serial-in, parallel-out counter with its outputs
decoded to select one of sixty-four switches along its
resistor array. The contents of the wiper counter register
can be altered in four ways: it may be written directly by
the host via the write WCR instruction (serial load); it
may be written indirectly by transferring the contents of
one of four associated data registers (DR) via the XFR
data register instruction (parallel load); it can be modi-
fied one step at a time by the increment/decrement
instruction (WCR only). Finally, it may be loaded with
the contents of its associated data register zero (R0)
upon power-up.
The wiper counter register is a volatile register; that is,
its contents are lost when the X9430 is powered-down.
Although the registers are automatically loaded with
the value in R0 upon power-up, it should be noted this
may be different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four nonvolatile data registers
(DR). These can be read or written directly by the host
and data can be transferred between any of the four
data registers and the WCR. It should be noted all
operations changing data in one of these registers is a
nonvolatile operation and will take a maximum of 10ms.
If the application does not require storage of multiple set-
tings for the potentiometer, these registers can be used
as regular memory locations that could store system
parameters or user preference data.
VOUT (0,1)
(DR0-DR3)0,1
Control and
CS
SCK
SO
SI
A1
A0
VH (0,1)
VL (0,1)
WP
VW (0,1)
VN (0,1)
+
WCR0,1
VINV (0,1)
VSS
VCC
HOLD
Memory
WCR0
WCR1
Detailed Block Diagram


Similar Part No. - X9430WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9430WS24I-2.7 INTERSIL-X9430WS24I-2.7 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
More results

Similar Description - X9430WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9438 INTERSIL-X9438 Datasheet
280Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
X9430 INTERSIL-X9430 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com