Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6365A Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6365A
Description  PWM PWM/PFM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6365A Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6365A Datasheet HTML 1Page - Torex Semiconductor XC6365A Datasheet HTML 2Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.DC/DC转换器 __________________________________________________________________________________________
48
选择指南
开始
输出电压外部设定(FB 型)
软启动外部设定
输出电压外部设定(FB 型)
输出电压内部设定(VOUT 型)
输出电压内部设定(VOUT 型)
软启动内部设定
XC6365A,XC6366A
XC6365B,XC6366B
XC6365C,XC6366C
XC6365D,XC6366D
产品型号定义
XC6365①②③④⑤⑥
XC6365系列 PWM工作模式
XC6366①②③④⑤⑥
XC6366系列 PWM/PFM切换控制
符号
VOUT/FB
软启动
AVOUT
内部设定
BFB
内部设定
CVOUT
外部设定
DFB
外部设定
输出电压值,但FB型(B、D型)时:②=1、③=0
(例)输出为3.0V型时 ②=3、③=0
3
工作频率
300kHz
5
500kHz(客户)
2
180kHz(客户)
M
封装
SOT-25
R
凹凸带
标准插入
L
凹凸带
反向插入
符号
VOUT/FB
软启动
AVOUT
内部设定
BFB
内部设定
CVOUT
外部设定
DFB
外部设定
输出电压值,但FB型(B、D型)时:②=1、③=0
(例)3.0V输出型时 ②=3、③=0
3
工作频率
300kHz
5
500kHz(客户)
2
180kHz(客户)
M
封装
SOT-25
R
凹凸带
标准插入
L
凹凸带
反向插入


Similar Part No. - XC6365A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365A TOREX-XC6365A Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365A102EL TOREX-XC6365A102EL Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365A102ER TOREX-XC6365A102ER Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365A102ML TOREX-XC6365A102ML Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365A102MR TOREX-XC6365A102MR Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
More results

Similar Description - XC6365A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
logo
Analog Devices
UG-179 AD-UG-179 Datasheet
429Kb / 12P
   Automatic PFM/PWM mode switching
logo
Seiko Instruments Inc
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Lowpower Semiconductor ...
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
   Integrated PWM/PFM boost convertor
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com