Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2151C54 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2151C54
Description  ICS FOR USE WITH CRYSTAL OSCILLATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2151C54 Datasheet(HTML) 6 Page - Torex Semiconductor

  XC2151C54 Datasheet HTML 1Page - Torex Semiconductor XC2151C54 Datasheet HTML 2Page - Torex Semiconductor XC2151C54 Datasheet HTML 3Page - Torex Semiconductor XC2151C54 Datasheet HTML 4Page - Torex Semiconductor XC2151C54 Datasheet HTML 5Page - Torex Semiconductor XC2151C54 Datasheet HTML 6Page - Torex Semiconductor XC2151C54 Datasheet HTML 7Page - Torex Semiconductor XC2151C54 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
XC2151 Series
1028
14
XC2151A510 / 519 ( fundamental )
VDD=5.0V, Fosc=20MHz, No Load, Ta = 25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V DD
4.0
6.0
V
Input Voltage 'High'
V IH
2.4
V
Input Voltage 'Low'
V IL
0.4
V
Output Current 'High'
IOH
V OH = 4.6V
- 10
mA
Output Current 'Low'
IOL
V OL = 0.4V
16
mA
Supply Current 1
IDD1
/ INH = OPEN, Q0 = OPEN
12
mA
Supply Current 2
IDD2
/ INH = "L"
2
5
µA
Input Pull-Up Resistance
RUP
/ INH = 4.5V
50
200
k
Internal Oscillator Capacitance
Cg,Cd
see note below
16
pF
Internal Oscillator Feedback Resistance
Rf
5
ΜΩ
Output Disable Leakage Current
IOZ
10
µA
note : the values for Cg,Cd are the designed values with XC2151A510. The XC2151A519 is an external type.
XC2151A580 / 589 ( fundamental, f0 / 8 )
VDD=5.0V, Fosc=20MHz, No Load, Ta = 25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V DD
4.0
6.0
V
Input Voltage 'High'
V IH
2.4
V
Input Voltage 'Low'
V IL
0.4
V
Output Current 'High'
IOH
V OH = 4.6V
- 10
mA
Output Current 'Low'
IOL
V OL = 0.4V
16
mA
Supply Current 1
IDD1
/ INH = OPEN, Q0 = OPEN
12
mA
Supply Current 2
IDD2
/ INH = "L"
2
5
µA
Input Pull-Up Resistance
RUP
/ INH = 4.5V
50
200
k
Internal Oscillator Capacitance
Cg,Cd
see note below
16
pF
Internal Oscillator Feedback Resistance
Rf
5
ΜΩ
Output Disable Leakage Current
IOZ
10
µA
note : the values for Cg,Cd are the designed values with XC2151A580. The XC2151A589 is an external type.
XC2151A ( fundamental )
PART No.
DUTY LEVEL
OUTPUT
DIVIDER RATIO
Rf (M
Ω) Cg/Cd (pF)
XC2151A510
CMOS (VDD /2), TTL
10TTL
f0 / 1
5.0
16
XC2151A520
CMOS (VDD /2), TTL
10TTL
f0 / 2
5.0
16
XC2151A540
CMOS (VDD /2), TTL
10TTL
f0 / 4
5.0
16
XC2151A580
CMOS (VDD /2), TTL
10TTL
f0 / 8
5.0
16
XC2151A519
CMOS (VDD /2), TTL
10TTL
f0 / 1
5.0
16 (ext.)
XC2151A529
CMOS (VDD /2), TTL
10TTL
f0 / 2
5.0
16 (ext.)
XC2151A549
CMOS (VDD /2), TTL
10TTL
f0 / 4
5.0
16 (ext.)
XC2151A589
CMOS (VDD /2), TTL
10TTL
f0 / 8
5.0
16 (ext.)
RECOMMENDED
FREQUENCY RANGE
4MHz to 30MHz
4MHz to 30MHz
4MHz to 30MHz
4MHz to 30MHz
4MHz to 30MHz
4MHz to 30MHz
4MHz to 30MHz
4MHz to 30MHz
14S_03XC2151 02.09.12 16:35 ページ 1028


Similar Part No. - XC2151C54

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
85Kb / 1P
   CMOS IC
More results

Similar Description - XC2151C54

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com