Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF0402DR-1310R Datasheet(PDF) 7 Page - YAGEO Corporation

Part # AF0402DR-1310R
Description  ANTI-SULFURATED CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF0402DR-1310R Datasheet(HTML) 7 Page - YAGEO Corporation

  AF0402DR-1310R Datasheet HTML 1Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 2Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 3Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 4Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 5Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 6Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 7Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 8Page - YAGEO Corporation AF0402DR-1310R Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 21, 2016 V.5
Product specification
7
9
SERIES
AF
0201 to 2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Coefficient of
Resistance
(T.C.R.)
IEC 60115-1 4.8
MIL-STD-202 Method 304
At +25/–55 °C and +25/+125 °C
Refer to table 2
Formula:
T.C.R= ------------------------- × 106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Life/Endurance
IEC 60115-1 4.25
MIL-STD-202 Method 108
At 70± 2 °C for 1,000 hours, RCWV applied for
1.5 hours on, 0.5 hour off, still-air required
± (1.0%+0.05 Ω)
<100 mΩ for Jumper
High
Temperature
Exposure
MIL-STD-202 Method 108
1,000 hours at 155±3℃
unpowered
± (1.0%+0.05 Ω)
<100 mΩ for Jumper
Moisture
Resistance
MIL-STD-202 Method 106
Each temperature / humidity cycle is defined at 8
hours, 3 cycles / 24 hours for 10d. with 25 °C /
65 °C 95% R.H, without steps 7a & 7b,
unpowered
Parts mounted on test-boards, without
condensation on parts
± (0.5%+0.05 Ω) for 0.5%, 1%
tol.
± (1.0%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper
Thermal Shock
MIL-STD-202 Method 107
–55 / +125 °C
Number of cycles required is 300. Devices
mounted
Maximum transfer time is 20 seconds. Dwell time
is 15 minutes
± (0.5%+0.05 Ω) for 0.5%, 1%
tol.
± (1%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper
Short Time
Overload
IEC60115-1 4.13
2.5 times of rated voltage or maximum overload
voltage whichever is less for 5 seconds at room
temperature
± (1.0%+0.05 Ω)
No visible damage
Bending
IEC 60115-1 4.33
Chips mounted on a 90 mm glass epoxy resin
PCB (FR4)
Bending: 0201/0402: 5 mm
0603/0805: 3 mm
1206 & above: 2 mm
Bending time: 60± 5 seconds
± (1.0%+0.05 Ω)
<100 mΩ for Jumper
No visible damage
Table 4 Test condition, procedure and requirements
R2–R1
R1(t2–t1)


Similar Part No. - AF0402DR-1310R

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AF04X-XX ATM-AF04X-XX Datasheet
42Kb / 1P
   AF04-XX VARIABLE ATTENUATOR - OUTLINE
More results

Similar Description - AF0402DR-1310R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com