Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1615ET5 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXLD1615ET5
Description  ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1615ET5 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXLD1615ET5 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1615ET5 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
(Voltages to GND unless otherwise stated)
Input voltage (VIN)7V
LX output voltage (VLX)
30V
Switch output current (ILX)
500mA
Power dissipation (PD)
300mW
Operating temperature (TOP)
-40 to 85°C
Storage temperature (TST)
-55 to 150°C
Junction temperature (Tj MAX)
125°C
ZXLD1615
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
2
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input voltage
2.5
5.5
V
IIN
Supply current
Quiescent
Shutdown
VEN =VIN,ILX = 0, Output not switching
VEN =0V
60
<10
100
100
µA
nA
VFB
FB pin control voltage
0.98
1.07
V
fLX
Operating frequency
L=10 H, VOUT =28V, 5mA load
600
kHz
TOFF
LX output ‘OFF’ time
350
500
ns
TON
(2)
LX output ‘ON’ time
5µs
ILXpk
Switch peak current limit
L=10 H, VOUT =28V, 5mA load
320
mA
RLX
Switch 'On' resistance
1.75
ILX(leak)
Switch leakage current
VLX=20V
1
µA
VENH
EN pin high level Input voltage Device active
1.5
VIN
V
VENL
EN pin low level Input voltage
Device in shutdown
0.4
V
IENL
EN pin low level input current
VEN =0V
-100
nA
IENH
EN pin high level input current VEN =VIN
1
A
TEN(hold)
(3)
EN pin turn off delay
VEN switched from high to low
120
µs
T/T
PWM duty cycle range at
‘EN’ input for dc output
voltage control
10kHz<f< 100kHz, VENH =VIN
20
100
%
fLPF
Internal PWM low pass filter
cut-off frequency
4
kHz
ALPF
Filter attenuation
f=30kHz
52.5
dB
ELECTRICAL CHARACTERISTICS: (Test conditions: V
IN=VEN=3V, TAMB=25°C unless otherwise stated
(1)
)
NOTES:
1 Production testing of the device is performed at 25°C. Functional operation of the device over a –40°C to +85°C temperature range is
guaranteed by design, characterization and process control.
2 Nominal ‘on’ time (TONnom ) is defined by the input voltage (VIN), coil inductance (L) and peak current (ILXpkdc) according to the expression:
TONnom = {ILX(pkdc) x L/VIN} +200ns
3 This is the time for which the device remains active after the EN pin has been asserted low. This delay is necessary to allow the output to be
maintained during dc PWM mode operation.
4 The maximum PWM signal frequency during this mode of operation should be kept as low as possible to minimize errors due to the turn-off
delay


Similar Part No. - ZXLD1615ET5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
   AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
505Kb / 12P
   AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
ZXLD1615QET5TA DIODES-ZXLD1615QET5TA Datasheet
505Kb / 12P
   AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
   AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
More results

Similar Description - ZXLD1615ET5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1937 ZETEX-ZXLD1937 Datasheet
226Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
Diodes Incorporated
ZXLD1937 DIODES-ZXLD1937 Datasheet
232Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
Zetex Semiconductors
ZXLD1937ET5TA ZETEX-ZXLD1937ET5TA Datasheet
227Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
Diodes Incorporated
ZXLD1101 DIODES-ZXLD1101 Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com