Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP3A16DN8 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXMP3A16DN8
Description  DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3A16DN8 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXMP3A16DN8 Datasheet HTML 1Page - Zetex Semiconductors ZXMP3A16DN8 Datasheet HTML 2Page - Zetex Semiconductors ZXMP3A16DN8 Datasheet HTML 3Page - Zetex Semiconductors ZXMP3A16DN8 Datasheet HTML 4Page - Zetex Semiconductors ZXMP3A16DN8 Datasheet HTML 5Page - Zetex Semiconductors ZXMP3A16DN8 Datasheet HTML 6Page - Zetex Semiconductors ZXMP3A16DN8 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXMP3A16DN8
PROVISIONAL ISSUE C - JULY 2004
5
0.1
1
10
0.01
0.1
1
10
0.1
1
10
0.01
0.1
1
10
12
3
0.1
1
10
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1.5V
10V
4V
3.5V
-V
GS
2.5V
2V
3V
Output Characteristics
T=25°C
-V
GS
-V
DS Drain-Source Voltage (V)
4V
3.5V
3V
2V
1.5V
10V
2.5V
Output Characteristics
T = 150°C
-V
DS Drain-Source Voltage (V)
Typical Transfer Characteristics
-V
DS
=10V
T = 25°C
T = 150°C
-V
GS Gate-Source Voltage (V)
Normalised Curves v Temperature
R
DS(on)
V
GS
=-10V
I
D
= -4.2A
V
GS(th)
V
GS
=V
DS
I
D
= -250uA
Tj Junction Temperature (°C)
1.5V
10V
3V
2V
4V
3.5V
2.5V
On-Resistance v Drain Current
T=25°C
-V
GS
-I
D Drain Current (A)
T = 150°C
T = 25°C
Source-Drain Diode Forward Voltage
-V
SD Source-Drain Voltage (V)
TYPICAL CHARACTERISTICS


Similar Part No. - ZXMP3A16DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
146Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16DN8 DIODES-ZXMP3A16DN8 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP3A16DN8TA ZETEX-ZXMP3A16DN8TA Datasheet
146Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16DN8TA DIODES-ZXMP3A16DN8TA Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP3A16DN8TC ZETEX-ZXMP3A16DN8TC Datasheet
146Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP3A16DN8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
210Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03X DIODES-ZXMD63P03X Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
   30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com