Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1485HVA1 Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # TM1485HVA1
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM1485HVA1 Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button TM1485HVA1 Datasheet HTML 4Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 5Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 6Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 7Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 8Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 9Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 10Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 11Page - Pulse A Technitrol Company TM1485HVA1 Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Dimensions and pin assignment for “H” package
passive transceiver for "short haul" application
Block diagram for "short haul" application
Shown is an application of the Model TM1062HSCT passive transceiver LIM,
used in a "short haul" application presenting an input voltage of no less than
400 mV (from cable) to transceiver RX.
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 8
PULSE SPECIALTY COMPONENTS
.180
MAX
.055
.045
.022
.014
.350 ±.010
.015
.005
.050
.020
.420 ±.015
.010
.005
0.510
MAX
.300 MAX
0.360
0.340
0.280
0.260
0.470
0.450
0.060
0.040
0.105
0.085
0.030
0.020
Tx+
CT
Tx-
Di
Di
Transmit
Filter
Rx+
Do
Do
Rx-
CT
Equalizer &
Zo Matching
Network
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13


Similar Part No. - TM1485HVA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM1401S ETC1-TM1401S Datasheet
335Kb / 1P
   10/100 PC CARD LAN MAGNETICS SOLUTIONS
TM141XG-02L05 ETC1-TM141XG-02L05 Datasheet
212Kb / 17P
   TFT COLOR LCD MODULE
logo
Panasonic Semiconductor
TM14IO PANASONIC-TM14IO Datasheet
350Kb / 25P
   32-bit Single-chip Microcontroller
More results

Similar Description - TM1485HVA1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com