Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB228T-60NZ Datasheet(PDF) 4 Page - Rohm

Part # RB228T-60NZ
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB228T-60NZ Datasheet(HTML) 4 Page - Rohm

  RB228T-60NZ Datasheet HTML 1Page - Rohm RB228T-60NZ Datasheet HTML 2Page - Rohm RB228T-60NZ Datasheet HTML 3Page - Rohm RB228T-60NZ Datasheet HTML 4Page - Rohm RB228T-60NZ Datasheet HTML 5Page - Rohm RB228T-60NZ Datasheet HTML 6Page - Rohm RB228T-60NZ Datasheet HTML 7Page - Rohm RB228T-60NZ Datasheet HTML 8Page - Rohm RB228T-60NZ Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB228T-60NZ
lElectrical Characteristic Curves
10
100
1000
1
10
100
10
100
1000
1
10
100
TIME : t (ms)
I
FSM-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT : I
o (A)
I
o-PF CHARACTERISTICS
I
FSM
time
T
a=25°C
1cyc
REVERSE VOLTAGE : V
R (V)
V
R-PR CHARACTERISTICS
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
8.3
IFSM
1cyc
ms
8.3
ms
T
a=25°C
0
50
100
150
200
250
300
0
10
20
30
40
50
60
D = 1/2
DC
Sin(
θ=180)
T
j = 150°C
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
D = 1/2
DC
Sin(
θ=180)
T
j = 150°C
4/5
2016.09 - Rev.A


Similar Part No. - RB228T-60NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB228T-30NZ ROHM-RB228T-30NZ Datasheet
686Kb / 7P
   Schottky Barrier Diode
RB228T-40NZ ROHM-RB228T-40NZ Datasheet
689Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - RB228T-60NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com