Electronic Components Datasheet Search |
|
M6056HGSN Datasheet(PDF) 1 Page - MTRONPTI |
|
M6056HGSN Datasheet(HTML) 1 Page - MTRONPTI |
1 / 2 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. Rev: 01/18/2013 M6055 & M6056 Series 2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO Pin Connections Features: Ultra Miniature Package • Tight Stability Performance • Down to ±0.5 ppm • Standard4PadConfiguration • Applications: Telecommunications such as SONET / SDH / DWDM / • FEC / SERDES / OC-3 thru OC-192 Wireless base stations / WLAN / Gigabit Ethernet • Avionicflightcontrolsandmilitarycommunications • Pin Function 1 N/C or Control Voltage 2 Ground/Case 3 Output 4 +V DD Ordering Information M6055 1 J S N 00.0000 MHz Product Series M6055 = TCXO M6056 = VCTCXO Temperature Range 1: 0 °C to +70 °C H: -30 °C to +85 °C 2: -40 °C to +85 °C Stability H: ±2.5 ppm J: ±1.0 ppm G: ±0.5 ppm Output Waveform S: Clipped Sine Wave Package/Lead Configurations N: 4 Pad Leadless Ceramic Frequency (customer specified) M6055Sxxx & M6056Sxxx - Custom datasheets. Parameter Symbol Min Typ Max Units Conditions Frequency Range FR 10.0 52.0 MHz ∆F/F -1.0 +1.0 ppm @ +25 °C, initial ∆F/F -1.5 +1.5 ppm @ +25 °C, after two reflow soldering profiles Frequency Stability ∆FT/F ppm Over Operating Temperature Frequency vs Supply Voltage ∆FVDD/F -0.2 +0.2 ppm For ±10% voltage change Frequency vs Load ∆FLOAD/F -0.2 +0.2 ppm For ±10% load change Aging -1.0 +1.0 ppm per year @ +40 °C Operating Temperature Input Voltage VDD 2.85 3 3.15 V Input Current IDD 2 mA Output Type Output Load Output Level 0.8 Vpk-pk Control Voltage VCT 0.5 1.5 2.5 V M6056 only. Frequency Tuning ±5 ±12 ppm M6056 only. VCT = +1.5 V -85 dBc/Hz @ 10 Hz -110 dBc/Hz @ 100 Hz -135 dBc/Hz @ 1 kHz -150 dBc/Hz @ 10 kHz Mechanical Shock Vibration Hermeticity Storage Temperature Solderability Max Soldering Conditions Package 4-pad 2.5 X 3.2 X 1.0 mm leadless ceramic. RoHS compliant. -55 °C to +105 °C Per EIAJ-STD-002 Per MIL-STD-202, Method 112 (1x10-8 atm.cc/s of helium) (Crystal unit only) See Solder Profile, Figure 1 Frequency Tolerance Phase Noise (Typical) Clipped Sine Wave 10 kΩ || 10 pF (See Ordering Information) (See Ordering Information) Per MIL-STD-202, Method 213 (2000 g, 0.3 ms duration, ½ sine wave) Per MIL-STD-202, Method 201 & 204 (10 g from 20 Hz to 2000 Hz) |
Similar Part No. - M6056HGSN |
|
Similar Description - M6056HGSN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |