Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3120MODRNMMOBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC3120MODRNMMOBR
Description  SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3120MODRNMMOBR Datasheet(HTML) 3 Page - Texas Instruments

  CC3120MODRNMMOBR Datasheet HTML 1Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 2Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 3Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 4Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 5Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 6Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 7Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 8Page - Texas Instruments CC3120MODRNMMOBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
CC3120MOD
www.ti.com
SWRS205 – MARCH 2017
Submit Documentation Feedback
Product Folder Links: CC3120MOD
Module Overview
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information, see Section 10.
The power-management subsystem includes an integrated DC-DC converter with support for a wide range
of supply voltages. This subsystem enables low-power consumption modes such as hibernate with RTC
mode, which requires approximately 7 μA of current.The CC3120MOD module is delivered with a slim and
user-friendly host driver to simplify the integration and development of network applications. The host
driver can easily be ported to most platforms and operating systems (OS). It is written in strict ANSI-C
(C99) and requires minimal platform adaptation layer (porting layer). The CC3120MOD module can
connect to any 8-, 16-, or 32-bit MCU over the SPI or UART Interface. The device driver minimizes the
host memory footprint requirements of less than 7KB of code memory and 700B of RAM for a TCP client
application.
The CC3120MOD device is part of the SimpleLink™ microcontroller (MCU) platform which consists of Wi-
Fi, Bluetooth® low energy, Sub-1 GHz and host MCUs, which all share a common, easy-to-use
development environment with a single core software development kit (SDK) and rich tool set. A one-time
integration of the SimpleLink platform enables you to add any combination of the portfolio’s devices into
your design, allowing 100 percent code reuse when your design requirements change.
The CC3120MOD modules comes in an easy-to-layout LGA package and is delivered as a complete
platform solution including various tools and software, sample applications, user and programming guides,
reference designs, and the TI E2E™ support community. The module family is also part of the SimpleLink
MCU portfolio and supports the SimpleLink developers ecosystem. For more information, visit
www.ti.com/simplelink.
Table 1-1. Module Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC3120MODRNMMOB
MOB (63)
20.50 mm × 17.50 mm


Similar Part No. - CC3120MODRNMMOBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120RNMARGKR TI1-CC3120RNMARGKR Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120RNMARGKT TI1-CC3120RNMARGKT Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120RNMARGKT/R TI1-CC3120RNMARGKT/R Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
More results

Similar Description - CC3120MODRNMMOBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com