Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KCA85AB0 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # KCA85AB0
Description  A-Type Breaker (Thermal Cutoff Device)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

KCA85AB0 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  KCA85AB0 Datasheet HTML 1Page - Bourns Electronic Solutions KCA85AB0 Datasheet HTML 2Page - Bourns Electronic Solutions KCA85AB0 Datasheet HTML 3Page - Bourns Electronic Solutions KCA85AB0 Datasheet HTML 4Page - Bourns Electronic Solutions KCA85AB0 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KCASeriesA-TypeBreaker(ThermalCutoffDevice)
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
** Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Ratings
Features
n
Formerlyaproduct
n
MiniatureThermalCutoff(TCO)device
n
Highcurrenttype
n
Optimalcorrosionresistantproperties
n
Smallerbodysize:L5.4xW3.2xH0.89mm
n
Overtemperatureandovercurrentprotection
forlithiumpolymerandprismaticcells
n
Widerangeoftemperatureoptions
Applications
Batterycellprotectionfor:
n
NotebookPCs
n
TabletPCs
n
Smartphones
n
Mobilephones
Ratings
Specification
Model
KCA72AB0
KCA77AB0
KCA82AB0
KCA85AB0
Trip Temperature
72 °C ± 5 °C
77 °C ± 5 °C
82 °C ± 5 °C
85 °C ± 5 °C
Reset Temperature
40 °C min.
Contact Rating
DC12V / 25 A, 6000 cycles
Maximum Breaking Current
DC5V / 60 A, 100 cycles
Maximum Voltage
DC28V / 25 A, 100 cycles
Minimum Holding Voltage
2 V @ 25 °C for 1 minute
Maximum Leakage Current
200 mA max. @ 25 °C
Resistance
5 milliohms max.
Agency Recognition
Description
UL, cUL
File Number: E215638
TUV
File Number: R50305080
Product Dimensions
Product Structure
DIMENSIONS:
MM
(INCHES)
How to Order
KCA 77 A B 0
Series Designator
Trip Temperature (±5 °C)
•72
•82
•77
•85
Arm Material
A = Cu Alloy, High Current Type
Terminal Type
(with/without Projection & Terminal Length)
Manufacturer’sInternalCode
5.4±0.1
(.213±.004)
2.9±0.1
(.114±.004)
2.9±0.1
(.114±.004)
2.3±0.1
(.091±.004)
0.89±0.05
(.035±.002)
2.3±0.1
(.091±.004)
3.2±0.1
(.126±.004)
0.1±0.01
(.004±.0004)
ARMTERMINAL
COVERPLATE
CONTACT
COVER
ARM
BASETERMINAL
BASE
AVAILABLEWITHANDWITHOUTPROJECTIONS.
PROJECTION
BIMETALDISC
PTC
PROJECTION


Similar Part No. - KCA85AB0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KCA85AB0 ETC2-KCA85AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
More results

Similar Description - KCA85AB0

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
NR77AB0 BOURNS-NR77AB0 Datasheet
540Kb / 5P
   Breaker (Thermal Cutoff Device)
HC72AY-1 BOURNS-HC72AY-1 Datasheet
601Kb / 5P
   Breaker (Thermal Cutoff Device)
SC72AAA BOURNS-SC72AAA Datasheet
635Kb / 8P
   Breaker (Surface Mount Thermal Cutoff Device)
SA72CB0 BOURNS-SA72CB0 Datasheet
963Kb / 9P
   Breaker (Surface Mount Thermal Cutoff Device)
CB72ABB BOURNS-CB72ABB Datasheet
646Kb / 6P
   CB Series Breaker (Thermal Cutoff Device)
SA72SB0 BOURNS-SA72SB0 Datasheet
576Kb / 7P
   Breaker (Surface Mount Thermal Cutoff Device)
AC72ABD BOURNS-AC72ABD Datasheet
673Kb / 6P
   AC Series Breaker (Thermal Cutoff Device)
P-TCO-U BOURNS-P-TCO-U Datasheet
634Kb / 5P
   Polymeric Thermal Cutoff Device
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
   Thermal Cutoff
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com