Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM531DSB2 Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # TM531DSB2
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM531DSB2 Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button TM531DSB2 Datasheet HTML 4Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 5Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 6Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 7Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 8Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 9Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 10Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 11Page - Pulse A Technitrol Company TM531DSB2 Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PULSE SPECIALTY COMPONENTS
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 11
Fibre Channel and CMI line interface products for
today’s fastest LAN and WAN applications.
Bi-directional fiber (NRZ) to copper (CMI) converter
Built for E4/STM-1/OC3 applications to conduct bi-directional cross
media data, voice, and video communications at fiber speed data rates.
These modules provide all connections and signal conditioning for
NRZ/CMI network junctions Besides the signal connections, all that is
required is 12Vdc power. Very low transmit/receive jitter. Loss of signal
detection. Maximum operating distance exceeds 200 meters on 75
ohm RG-6/u and RG-11/u coaxial cable. Compact and easy to install.
SONET/SDH (CMI) serial line interface modules (LIM)
Compact, one-package line interface units for interfacing to the most widely used
SONET/SDH chip sets for E4/STM-1 applications.
CMI transceiver line interface modules offer a convenient, one package, high perform-
ance solution for the complex chip interfacing requirements of CMI applications. The
compact packages include transformer coupling for both TX and RX functions, an equaliz-
er, a differential amplifier, and buffering for ECL level input and output. Designed to be
inter-operable with existing ECL fiber transceiver drivers, the transceivers meet
SONET/ ITU-T requirements for coded mark inversion (CMI) data transmission over cop-
per. The transceivers function equally well in both 311.04 Mb/s SONET STM-1 CMI and
278.528 Mb/s SONET E4 CMI applications, delivering fiber speed data transmission and
reception over more than 200 meters of 75 ohm RG-6/u or RG-11/u coaxial cable.
High Frequency Balun Adapter for 150-ohm Fibre Channel, 100-
ohm Gigabit Ethernet, and 78-ohm high-speed 1553.
These wide-band baluns provide the impedance matching and isolation necessary to
interface a 50-ohm grounded test instrument with a differential circuit under test. They
convert a balanced differential-mode signal to a grounded unbalanced 50-ohm signal with less
than 2 dB insertion loss and greater than 15 dB return loss from 1.0 MHz to 1.2 GHz.
This permits accurate and repeatable measurements of signal quality, such as insertion
loss, transmission loss, and return loss. Each balun has a terminator network and correla-
tion data for periodic calibration verification. Terminal pins to connect the network under
test to the balun are included.
Fibre Channel (SAN) dual transformers
Designed specifically for point-to-point coupling to 150 ohm twinax cable. The isolation
transformers protect the station from static charges that may develop on the cable and
prevents ground loop currents from being transferred between stations. The devices have
also been designed to provide common mode rejection within the transmission band and
thus reduce EMI.
The wide bandwidth of these devices minimizes data dependent jitter by providing fast
signal rise times. Low-end bandwidth also minimizes base-line wander, another contribu-
tor to jitter. The dual package allows connection of both the transmit and receive channel.


Similar Part No. - TM531DSB2

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM5304 SPECTRUM-TM5304 Datasheet
70Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM5304 APITECH-TM5304 Datasheet
71Kb / 1P
   RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM5325 SPECTRUM-TM5325 Datasheet
62Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM5325 APITECH-TM5325 Datasheet
63Kb / 1P
   RF AMPLIFIER MODEL
TM5325PM APITECH-TM5325PM Datasheet
114Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TM531DSB2

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com