Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23C14E-40ML5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 23C14E-40ML5
Description  4 Channel Block Straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

23C14E-40ML5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  23C14E-40ML5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 23C14E-40ML5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Insert
Mini-Coax
4 Channel Block Straight
23C14E-40ML5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 40 GHz
Return loss
≥ 25 dB @ DC to 3 GHz
≥ 20 dB @ 3 GHz to 6 GHz
≥ 16 dB @ 6 GHz to 20 GHz
≥ 12 dB @ 20 GHz to 40 GHz
Insertion loss
≤ 0.04 x
[GHz]
f
dB
Insulation resistance
≥ 1GΩ
Center contact resistance
≤ 10 mΩ
Outer contact resistance
≤ 3 mΩ
Test voltage (at sea level)
750 V rms
Working voltage (at sea level)
500 V rms
RF-leakage
≥ 80 dB @ DC to 1 GHz
≥ 60 dB @ 1 GHz to 4 GHz
- Connector only, VSWR in application depends decisive on PCB layout -
Mechanical data
Mating cycles
≥ 500
Engagement force
max. 30 N typical 20 N
Extraction force
max. 30 N typical 20 N
Environmental data
Temperature range
-40 °C to +125 °C
Climatic category
IEC 60068-2-1 40/85/21
Dry heat
IEC 60068-2-2
Damp heat
IEC 60068-2-78
Shock
IEC 60068-2-27 (50g halfsinus, 2 shocks/axis during 11 sec.)
Max. soldering temperature
IEC 61760-1, +260 °C for 10 sec.
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
1.8 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Moder
28/08/15
Herbert Babinger
02/05/16
a00
16-s144
M.Ruf
02/05/15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 23C14E-40ML5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
23C14D-40ML5 ROSENBERGER-23C14D-40ML5 Datasheet
582Kb / 2P
   8 Channel Block Straight
23C14F-40ML5 ROSENBERGER-23C14F-40ML5 Datasheet
623Kb / 2P
   2 Channel Block Straight
23C14G-40ML5 ROSENBERGER-23C14G-40ML5 Datasheet
725Kb / 2P
   6 Channel Block Straight
More results

Similar Description - 23C14E-40ML5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
MF2C117-40ML5-NM ROSENBERGER-MF2C117-40ML5-NM Datasheet
300Kb / 2P
   4 CHANNEL BLOCK STRAIGHT
23C14F-40ML5 ROSENBERGER-23C14F-40ML5 Datasheet
623Kb / 2P
   2 Channel Block Straight
MF2C118-40ML5-NM ROSENBERGER-MF2C118-40ML5-NM Datasheet
287Kb / 2P
   8 CHANNEL BLOCK STRAIGHT
23C14G-40ML5 ROSENBERGER-23C14G-40ML5 Datasheet
725Kb / 2P
   6 Channel Block Straight
23C14D-40ML5 ROSENBERGER-23C14D-40ML5 Datasheet
582Kb / 2P
   8 Channel Block Straight
MF2C115-40ML5-NM ROSENBERGER-MF2C115-40ML5-NM Datasheet
291Kb / 2P
   4 CHANNEL BLOCK RIGHT ANGLE
logo
Adam Technologies, Inc.
EBA-XX-X ADAM-TECH-EBA-XX-X Datasheet
71Kb / 1P
   EURO BLOCK STRAIGHT MULTIPLE PITCHES
EBV-XX-X ADAM-TECH-EBV-XX-X Datasheet
100Kb / 1P
   EURO BLOCK STRAIGHT MULTIPLE PITCHES
logo
FCI connector
20020107 FCI-CONNECTOR-20020107 Datasheet
374Kb / 5P
   TERMINAL BLOCK PLUGGABLE SOCKET, STRAIGHT
logo
WAGO Kontakttechnik Gmb...
870-158 WAGO-870-158 Datasheet
361Kb / 8P
   4-pin, double-deck carrier terminal block; 4-pin through terminal block
29.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com