Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92692QPWPRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92692QPWPRQ1
Description  High Accuracy LED Controller With Spread Spectrum Frequency Modulation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92692QPWPRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92692QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS92692QPWPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
3.85
3.95
4.05
4.15
4.25
4.35
4.45
4.55
4.65
4.75
4.85
D004
Rising
Falling
Frequency (kHz)
50
150
250
350
450
550
650
750 800
10
20
30
40
50
60
70
80
100
D005
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
100
200
300
400
500
600
D002
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
30
32
34
36
38
40
42
44
D003
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
7.46
7.47
7.48
7.49
7.5
7.51
7.52
7.53
7.54
D001
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
4.935
4.94
4.945
4.95
4.955
4.96
4.965
4.97
4.975
D020
9
TPS92692, TPS92692-Q1
www.ti.com
SLVSDD9 – MARCH 2017
Product Folder Links: TPS92692 TPS92692-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6 Typical Characteristics
TA = 25°C, VIN = 14 V, VIADJ = 2.2 V, CVCC = 1 µF, CCOMP = 2.2 nF, RCS = 100 mΩ, RT = 20 kΩ, VPWM = 5 V, no load on GATE
and PDRV (unless otherwise noted)
Figure 1. VCC Regulation Voltage vs Junction Temperature
Figure 2. VREF Reference Voltage vs Junction Temperature
VIN = 5 V,
IVCC= 20 mA
Figure 3. VCC Dropout Voltage vs Junction Temperature
Figure 4. VCC Current Limit vs Junction Temperature
Figure 5. VCC UVLO Threshold vs Junction Temperature
Figure 6. Timing Resistance (RT) vs Switching Frequency


Similar Part No. - TPS92692QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Similar Description - TPS92692QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
   110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LT3795 LINER-LT3795_15 Datasheet
589Kb / 30P
   110V LED Controller with Spread Spectrum Frequency Modulation
LT3795 LINER-LT3795 Datasheet
398Kb / 8P
   110V LED Controller with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
   Spread Spectrum Baseband Controller
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com