Electronic Components Datasheet Search |
|
TM1485DVB2 Datasheet(PDF) 4 Page - Pulse A Technitrol Company |
|
TM1485DVB2 Datasheet(HTML) 4 Page - Pulse A Technitrol Company |
4 / 12 page JITTER PARAMETER TOTAL JITTER Dat a rate 1 33 M b 266 Mb 53 1 Mb 1 .06 2 G b UNIT Tra nsmit in (PHY ) 1.2 04 0 .602 0.3 77 0 .188 ns Tra nsmit out (PHY+ Tra nsmitt er) 1.3 56 0 .678 0.4 14 0 .207 ns Receive out (PHY+ T ransmit ter+ Cable+ Rec eiver) 6.0 2.6 4 1.32 0 .658 ns Important: This is a hybrid device and is rated for 220oC max for 60 seconds. Contact factory for recommended solder reflow profile. PARAMETER SYM MIN MAX UNIT St orage t emperature TS -55 +1 50 °C Ope rating t empe rature ambient Act ive 1 Passive T A T A -40 -55 +85 +1 25 °C °C Power supply volt age ( M ECL, PEC L or LV PECL ) VCC -6.0 6.0 V Power supply c urre nt 2 IC - 95 mA Power dissipation (total) PD - 500 mW Out put c urre nt I O - 100 mA Dat a input voltage VI 0 VCC+0.5 V Diff erential input volta ge VD - 2.40 V Component body t emperature/time - - 220/60 °C/s Thermal Re sistance (case to junction) (t het a)jc 54 °C/w °C °C Table 2 Table 1 Absolute Maximum Ratings System Jitter Budget Note 1: Exception: for TM1062DSA1, -55 ° to +125°C Note 2: Excluding external pull-down resistors Copperhead ™ fibre channel copper transceivers require less than 50% (worst case) of system jitter budget Note: These numbers are currently under evaluation by a special Jitter Study Group in ANSI X3T11 and IEEE 802.3z. TWO PEARL BUCK COURT BRISTOL, PA 19007-6812 TEL 215-781-6400 FAX 215-781-6403 www.pulsespecialty.com Fibre Channel Module — 4 PULSE SPECIALTY COMPONENTS |
Similar Part No. - TM1485DVB2 |
|
Similar Description - TM1485DVB2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |